Part Number Hot Search : 
AT54C ZSR600C YB1692 P3020 RJK0346 TS7022B 2SD1264 NJW1184
Product Description
Full Text Search
 

To Download DTA114EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Digital Transistors DTA114EE
Transistors
Features
PNP Epitaxial Planar Silicon Transistor (Resistor Built-In Typ.) Built-In Bias Resistors Enable The Configuration of An Inverter Circuit Without Connecting External Input Resistors (See Equivalent Circuit).
Absolute Maximum Ratings Ta = 25
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction temperature Storage temperature Symbol VCC VIN IO IC(Max) PD Tj Tstg Rating -50 -40 to +10 -50 -100 150 150 -55 to +150 mW Unit V V mA
Electrical Characteristics Ta = 25
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transistion Frequency * Characteristics of built-in transistor Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT * VCE = -10V , IE = 5mA , f = 100MHz Testconditons VCC = -5V , IO = -100 A VO = -0.3V , IO = -10mA IO/II = -10mA/-0.5mA VI = -5V VCC = -50V , VI = 0V VO = -5V , IO = -5mA 30 7 0.8 10 1 250 13 1.2 MHz k -3 -0.3 -0.88 -0.5 V mA A Min Typ Max -0.5 Unit V
Marking
Marking 14
www.kexin.com.cn
1
SMD Type
DTA114EE
Equivalent Circuit
Transistors
Electrical Characteristics Curves
2
www.kexin.com.cn
SMD Type
DTA114EE
Transistors
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of DTA114EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X