Part Number Hot Search : 
MMBZ5255 S1C88650 S20120 R1E10 B0409 HCT57 2520S S1C88650
Product Description
Full Text Search
 

To Download CWM-6M-10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CWM-M-G Series
DIRECTIONAL COUPLERS
0.6 to 18 GHz / Ultra-Broadband / 6, 10, 16, 20 dB Coupling / Low Cost Stripline / 50 W / SMA
PRINCIPAL SPECIFICATIONS
Model Number CWM-10M-2.3G Frequency Range, GHz 0.6 - 4.0 Nominal Coupling, dB, (ref input)
Frequency Sensitivity, dB, Nom. 0.75 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50
Directivity, dB, Min.
<12.4
Insertion Loss, dB, >12.4 GHz Max. NA 12 12 12 12 12 12 12 12 12 12 0.40 0.90 0.80 0.85 0.90 0.60 0.80 0.80 0.90 0.60 0.80
t
t
VSWR max. Main Coupled Outline Line Line Ref. 1.25:1 1.40:1 1.40:1 1.40:1 1.35:1 1.35:1 1.35:1 t 1.35:1 1.35:1 1.35:1 1.40:1 1.30:1 1.50:1 1.50:1 1.50:1 1.50:1 1.50:1 1.40:1 1.40:1 1.40:1 1.40:1 1.40:1 10 11 12 12 13 13 14 14 15 15 16
10 1.0 10* 1.0 16* 1.0 20* 1.0 6* 1.0 10* 1.0 16* 1.0 20* 1.0 6 1.0 10 1.0 20 1.0
18 15 15 15 15 15 15 15 15 15 15
CWM-10M-9.5G 1.0 - 18.0 CWM-16M-9.5G CWM-20M-9.5G CWM-6M-10G CWM-10M-10G CWM-16M-10G CWM-20M-10G CWM-6M-11G CWM-10M-11G CWM-20M-11G 2.0 - 18.0
4.0 - 18.0
* Coupling is referenced to the output.
Coupling includes Frequency Sensitivity
Insertion Loss above Coupling Loss
POWER SPECIFICATIONS
Coupled Power ``Loss'': 6 dB units: 10 dB units: 20 dB units: 30 dB units: Peak Power: CW Input Power (Forward): CWM-10M-2.3G: All others: CW Reflected Power: 6 dB units: 10 dB units: 20 dB units: 1.25 dB 0.46 dB 0.044 dB 0.004 dB 3 kW max. 50 Watts max. 25 Watts max. 2 Watts max. 5 Watts max. 50 Watts max.
GENERAL SPECIFICATIONS
Impedance: Operating Temp: SMA Connectors: 50 nom. -- 55 to +85C Female, to meet interface requirements of MIL-C39012 Other connectors: TNC and N type available. Check with factory. Other frequencies: Optional
General Notes: 1. The CWM-M-G series of directional couplers are miniature three port devices utilizing stripline technology in a connectorized package. Each unit is a multi-section quarter wave coupler designed to cover a very broad band of frequencies. They are ideally suited for monitoring forward or reflected power in EW and similar wideband systems with minimal perturbation to the main line signal. A variety of performance and frequency coverage options are available. 2. These units comply with MIL-C-15370 and may supplied screened for compliance with additional specifications you designate for military and aerospace applications requiring the highest reliability. 22Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973 .575.1300 / FAX: 973.575.0531
CWM-M-G Series
DIRECTIONAL COUPLERS
600 MHz to 18 GHz / Ultra-Broadband / 6, 10, 16, 20 dB Coupling / Low Cost Stripline / 50 W / SMA
Package Outline
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters. 3. Weights are nominal on all outlines.
21Feb96
F rf t e if r to c n a tM ERRI AC /41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973- 0531 575-


▲Up To Search▲   

 
Price & Availability of CWM-6M-10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X