Part Number Hot Search : 
K2750 UPD784 0129N P80N0 2SK3210S 6KE24A MA22D39 1N5246
Product Description
Full Text Search
 

To Download BXMP1025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL BXMP1025
Features
! ! ! ! Medium Gain: 14.0 dB Typical High Power: +32 dBm Typical Operating Temp. - 55 C to +85 C Environmental Screening Available
Available as:
WNMP1025, 8 Pin .500" x .500" Sq. Gullwing (SG8) BXMP1025, SMA Connectorized Housing
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point .......+60 dBm (Typ.) Second Order Two Tone Intercept Point ........+65 dBm (Typ.) Third Order Two Tone Intercept Point ............+45 dBm (Typ.)
Maximum Ratings Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out Noise Figure (dB) Power Vdc mA TYPICAL Ta= 25 C 500 - 1000 MHz 14.0 +32 -23 1.5:1 1.7:1 5.0 +15 490 MIN/MAX Ta = -55 C to +85 C 500 - 1000 MHz 12.5 Min. +31.5 Min. -22 Max. 1.6:1 Max. 1.9:1 Max. 7.5 Max. +15 500 Max.
Ambient Operating Temperature .............. -40C to + 100 C Storage Temperature ............................... -50C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... +16 Volts Continuous RF Input Power ................................. +20 dBm Short Term RF Input Power ... 200 Milliwatts (1 Minute Max.) Maximum Peak Power ................... 0.4 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
16 15 14 13 12
Start 500 MHz Stop 1000 MHz
Gain (dB)
- 21 - 22 - 23 - 24 - 25
Reverse Isolation (dB)
10 8 6 4 2
Start 500 MHz
Noise Figure (dB)
Start 500 MHz
Stop 1000 MHz
Stop 1000 MHz
35 34 33 32 31
1 dB Comp. (dBm)
Input VSWR
2.0 1.5 1.0 2.0 1.5 1.0
Start 500 MHz Stop 1000 MHz Start 500 MHz
Output VSWR
Start 500 MHz
Stop 1000 MHz
Stop 1000 MHz
Legend
+ 25 C
Freq. MHz
+ 85 C - - - - - - -55 C
Linear S-Parameters
----S11---Mag Deg ----S21---Mag Deg ----S12---Mag Deg ----S22---Mag Deg
====================================================================================== 122 .19 500 5.06 30 .06 -100 56 .27 118 .19 550 5.07 14 .06 -112 48 .23 116 600 .19 5.09 -2 .07 -124 44 .17 116 650 .19 5.12 -19 .07 -137 45 .14 113 700 .20 5.15 -36 .07 -150 55 .10 106 750 .21 5.16 -54 .07 -164 69 .09 93 800 .20 5.19 -72 .07 -178 79 .08 79 850 .19 5.21 -91 .07 167 84 .10 63 900 .18 5.24 -110 .07 151 83 .11 44 950 .13 5.28 -131 .07 135 81 .13 -8 1000 .05 5.30 -154 .07 116 89 .13
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 11/16/06
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of BXMP1025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X