Part Number Hot Search : 
2N6304 UR4KB40 74ACT MJE34 106K0 00M63X 21210 CZD13003
Product Description
Full Text Search
 

To Download BU2520A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2520A
DESCRIPTION *With TO-3PN package *High voltage *High speed switching APPLICATIONS *For use in horizontal deflection circuits of large screen colour TV receivers.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Base current Base current(peak) Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 7.5 10 25 6 9 125 150 -65~150 UNIT V V V A A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2520A
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
VCEO(SUS)
Collector-emitter breakdown voltage
IC=100mA; IB=0;L=25mH
700
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA; IC=0
7.5
13.5
V
VCEsat
Collector-emitter saturation voltage
IC=6A; IB=1.2A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=6A; IB=1.2A VCE=rated; VBE=0 T=125C VEB=7.5V; IC=0
1.3 1.0 2.0 1.0
V
ICES
Collector cut-off current
mA
IEBO
Emitter cut-off current
mA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
6
13
26
hFE-2
DC current gain
IC=6A ; VCE=5V
5
7
10
CC
Collector capacitance
IE=0 VCB=10V;f=1MHz
115
pF
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU2520A
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BU2520A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X