Part Number Hot Search : 
MN15841 M100G 1117B AD7247TQ EMK23 TS985C6R HE89C21 DTC044TM
Product Description
Full Text Search
 

To Download BR502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER BR5005 THRU BR5010
FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Integrally molded heatsink provide very low thermal resistance l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Plated lead 0.25"(6.35mm) lugs. l Polarity: Polarity symbols marked on case l Mounting: Thru hole for #10 screw, 20 in.-lbs torque max. l Weight:0.55ounce, 15.6 grams
VOLTAGE RANGE CURRENT 50 to 1000 Volts 50 Amperes
1.13( 28.8) 1.11( 28.2) 0.666( 16.9) 0.626( 15.9)
BR-35N
+
AC 1.13( 28.8) 1.11( 28.2) 0.728( 18.5) 0.688( 17.5) 0.666( 16.9) 0.626( 15.9) AC
0.570( 14.5) 0.530( 13.5)
0.205( 5.2) 0.197( 5.0)
DIA
METAL HEAT SINK EXOPY CASE
0.32( 8.2) 0.30( 7.8)
9 0 .0
.3 (2
IA )D
0.512( 13.0) 0.413( 10.5)
0.033( 0.84) 0.028( 0.71) 0.252( 6.4) 0.248( 6.3) 0.252( 6.4) 0.248( 6.3)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS
BR5005
50 35 50
BR501
100 70 100
BR502
200 140 200
BR504
400 280 400 50 400 1037 1.1 10 1.0 2500 2.0 -55 to +150 -55 to +150
BR506
600 420 600
BR508 BR5010
800 560 800 1000 700 1000
UNITS Volts Volts Volts Amps Amps A2S Volts Amps mAmps VAC /W
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=55(See FIG.1) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 25.0A Maximum DC Reverse Current at rated TA=25 DC blocking voltage TA=100 Isolation Voltage from case to leads Typical Thermal Resistance (Note 1,2) Operating Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM IT VF IR VISO RJC TJ TSTG
2
NOTES: 1. Unit mounted on 9"x3.5"x4.6" thick (23cmx9cmx11.8cm) Al. plate. 2. Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER BR5005 THRU BR5010
VOLTAGE RANGE CURRENT 50 to 1000 Volts 50 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of BR502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X