Part Number Hot Search : 
M1951B SBR02 SI4778DY 00222830 V040A 74HCT14D T994F KBL00
Product Description
Full Text Search
 

To Download BG1600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BG 1600 SERIES
This component is RoHS compliant Pb
LED BARGRAPH 6 ELEMENT 1.9x3.9mm
DESCRIPTION
A six element end stackable Array of 1.9x3.9mm LEDs.Colours can be mixed or elements excluded.Castellations supports 3.25mm thick panel
FEATURES
* * * * *
6 elements 3.9 x 1.9mm. End stackable . 3.25mm panel standoff Red Yellow green mixed 110 Deg Viewing angle
MECHANICAL DATA
CATHODES
ANODES
1.9
3.9
12.25 9.0
3.5 5 PITCHES 1.9 11.40 5.4
BEDFORD OPTO TECHNOLOGY LTD 1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk
ISS A 13.4.06
ABSOLUTE MAXIMUM RATINGS (Ta = 25 oC)
This component is RoHS compliant
SUPER RED
BG 1600
Pb
PARAMETER
BRIGHT RED
HE RED
ORANGE
YELLOW
GREEN
UNITS
FORWARD CURRENT PEAK CURRENT 10% DUTY CYCLE @ 1KHZ POWER DISSIPATION REVERSE VOLTAGE OPERATING TEMP STORAGE TEMP LEAD SOLDERING TEMP
25 130 120 5
30 160 105 5
30 155 100 5
30 160 105 5 -40 C TO +85 oC -40 C TO +85 oC
30 140 105 5
25 140 105 5
mA mA mW Volts
260oC FOR 3 SECONDS 2mm FROM BODY
OPTO ELECTRONIC DATA
TYPE NO. COLOUR PEAK WAVELENGTH nm 700 FORWARD VOLTAGE [MAX] VF VOLTS If mA 2.5 20 LUMINOUS INTENSITY mcd MIN TYP If mA 0.4 1.0 10
BG1600BR
BRIGHT RED HE RED SUPER RED ORANGE YELLOW GREEN
BG1600HER BG1600SR
627 660
2.5 2.5
20 20
3.0 36
6.0 70
10 20
BG1600 O BG1600Y BG1600G
627 590 565
2.5 2.5 2.5
20 20 20
3.0 1.0 1.0
6.0 3.0 4.0
10 10 10
NOTES
VIEWING ANGLE -
110 deg
MIXED COLOUR- Any combination of the above colours within the same package are available- custom part numbers will be issued to identify.
BEDFORD OPTO TECHNOLOGY LTD 1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk
ISS A 13.4.06


▲Up To Search▲   

 
Price & Availability of BG1600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X