|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INCHANGE Semiconductor isc Product Specification isc Silicon NPN Power Transistor BDX77F DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO = 80V(Min) *Complement to Type BDX78F APPLICATIONS *Designed for use in hi-fi equipment delivering an output of 15 to 15 W into a 4or 8load. ABSOLUTE MAXIMUM RATINGS(Ta=25) SYMBOL VCBO VCEO VEBO IC ICM IB B PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak s Base Current Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range VALUE 100 80 5 8 12 3 32 150 -65~150 UNIT V V V A A A W PC TJ Tstg THERMAL CHARACTERISTICS SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 6.3 UNIT /W isc Websitewww.iscsemi.cn INCHANGE Semiconductor isc Product Specification isc Silicon NPN Power Transistor ELECTRICAL CHARACTERISTICS TC=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat)-1 VCE(sat)-2 VBE(sat) VBE(on) ICEO ICBO IEBO hFE fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current-Gain--Bandwidth Product CONDITIONS IC= 0.2A ;IB= 0 B BDX77F MIN 80 100 5 MAX UNIT V V V IC= 1mA ;IE= 0 IE= 1mA ;IC= 0 IC= 3A; IB= 0.3A B 1.0 1.5 2.0 1.5 0.2 0.1 1.0 0.5 30 7.0 V V V V mA mA mA IC= 6A; IB= 0.6A B IC= 6A; IB= 0.6A B IC= 3A ; VCE= 2V VCE= 30V; IB= 0 B VCB= VCBO;IE= 0 1 VCB= /2VCBO;IE= 0; TJ= 150 VEB= 5V; IC=0 IC= 2A ; VCE= 2V IC= 0.3A ; VCE= 3V, ftest= 1.0MHz MHz Switching Times ton toff Turn-On Time IC= 2A; IB1= -IB2= 0.2A Turn-Off Time 4 s 1 s isc Websitewww.iscsemi.cn 2 |
Price & Availability of BDX77F |