Part Number Hot Search : 
UNS3K 1502B HMC550E F75339P 1000S 2R2YL TK73227M 20000
Product Description
Full Text Search
 

To Download BAS40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS40/-04/-05/-06
Elektronische Bauelemente Surface Mount Schottky Barrier Diodes
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
FEATURES
Low Turn-on Voltage Low Forward Voltage Very Low Capacitance Less Than 5.0pF @ 0V For high speed switching application, circuit protection
3 Collector 1
SOT-23 Dim A B C D G Min 2.800 1.200 0.890 0.370 1.780 0.013 0.085 0.450 0.890 2.100 0.450 Max 3.040 1.400 1.110 0.500 2.040 0.100 0.177 0.600 1.020 2.500 0.600
Base
2
Emitter
A
MECHANICAL DATA
Case: SOT-23, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Weight: 0.008 grams (approx.) Mounting Position: Any
1
L
3
H
K
2
J
J K
C
Top View
BS
L S V
V
G
D
H
All Dimension in mm
3
3
3
3
1
2
1
2
1
2
1
2
BAS40 Marking: 43
BAS40-04 Marking: 44
BAS40-05 Marking: 45
BAS40-06 Marking: 46
ABSOLUTE MAXIMUM RATINGS at Ta = 25C
Parameter
Reverse Voltage Forward Continuous Current Single Forward Current, t10 ms Thermal Resistance (Note 1) Junction-to-Ambient (Note 2) Forward Power Dissipation @ TA = 25C Derate above 25C Junction, Storage Temperature TJ, TSTG PF
Symbol
VR IF IFSM RJA
Ratings
40 200 600 508 311 325 1.8 -55 ~ +150
Unit
V mA mA C/W mW mW / C C
ELECTRICAL CHARACTERISTICS (at Ta = 25C unless otherwise specified)
Parameters
Reverse Breakdown Voltage Reverse Current Forward Voltage Diode Capacitance Reverse Recovery Time
Symbol
V(BR)R IR VF1 VF2 CTOT tRR
Min.
40 -
Max.
200 380 1000 5.0 5
Unit
V nA mV mV pF nS VR = 30V IF = 1mA
Test Conditions
IR = 10 A
IF = 40mA VR = 0, f=1MHz IRR = 1 mA, IR=IF=10mA, RL=100
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
22-Sept-2008 Rev.C
Page 1 of 2
BAS40/-04/-05/-06
Elektronische Bauelemente Surface Mount Schottky Barrier Diodes
RATINGS AND CHARACTERISTIC CURVES
100 100 10 1.0
TA = 150 C 125 C 85 C
IF, Forward Current (mA)
10
150 C 1.0 1 25 C 85 C 25 C 0.1 -40 C 0 0.1 0.2 0.3 -55 C 0.4 0.5 0.6 0.7 0.8
IR , Reverse Current (A)
0.1 0.01 25 C
0.001
0
5
10
VF, Forward Voltage (V)
15 20 25 VR, Reverse Voltage (V)
30
35
40
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse Voltage
3.5 3.0
C T, Capacitance (pF)
2.5 2.0 1.5 1.0 0.5 0 0 5.0 10 15 20 25 30 35 40
V R, Reverse Voltage (V)
Figure 3. Typical Capacitance
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
22-Sept-2008 Rev.C
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of BAS40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X