Part Number Hot Search : 
ST92195 65C51 G103MSE C8950 PN3567 6SK40 ZMM5267B D1866
Product Description
Full Text Search
 

To Download BAP64-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAP64-05
Elektronische Bauelemente Small Signal General Purpose Pin Diode
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
FEATURES
Low diode capacitance Low diode forward resistance Low series inductance High voltage, current controlled RF resistor for RF attenuators and switches For applications up to 3 GHz RF attenuators and switches
A
3
SOT-23
L
3
Top View
1 2
CB
1 2
K
E D
PACKAGING INFORMATION
Weight: 0.0078 g (Approximate)
3
F
G
H
J
REF. A B C D E F
MARKING CODE
5K
1
2
Millimeter Min. Max. 2.80 3.04 2.10 2.55 1.20 1.40 0.89 1.15 1.80 2.00 0.30 0.50
REF. G H J K L
Millimeter Min. Max. 0.09 0.18 0.45 0.60 0.08 0.177 0.6 REF. 0.89 1.02
MAXIMUM RATINGS (at Ta = 25C unless otherwise specified)
Parameter
Continuous Reverse Voltage Continuous Forward Current Power Dissipation Junction, Storage Temperature
Symbol
VR IF PD TJ, TSTG
Ratings
175 100 250 150, -65 ~ +150
Unit
V mA mW C
ELECTRICAL CHARACTERISTICS (at Ta = 25C unless otherwise specified)
Parameters
Forward Voltage Reverse Voltage Leakage Current
Symbol
VF IR
Min.
-
Typ.
0.52 0.37 0.23 20 10 2 0.7 1.55 1.4
Max.
1.1 10 1 0.35 40 20 3.8 1.35 -
Unit
V A
Test Conditions
IF = 50 mA VR = 175 V VR = 20 V VR = 0, f = 1 MHz VR = 1 V, f = 1 MHz VR = 20 V, f = 1 MHz IF = 0.5 mA, f = 100 MHz IF = 1 mA, f = 100 MHz IF = 10 mA, f = 100 MHz IF = 100 mA, f = 100 MHz When switched from IF = 10 mA to IR = 6 mA; RL = 100 ; measured at IR =3mA
Diode Capacitance
CD
-
pF
Diode Forward Resistance
rD
Charge Carrier Life Time Series Inductance
tL LS
-
S nH
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
01-Jun-2005 Rev. A
Page 1 of 2
BAP64-05
Elektronische Bauelemente Small Signal General Purpose Pin Diode
RATINGS AND CHARACTERISTIC CURVES
BAP64-05
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
01-Jun-2005 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of BAP64-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X