|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Temperature Compensated Crystal Oscillator ( TCXO / VC-TCXO ) High stability AXLE7050 , AXLE7050V *Features *oe Low power consumption *oe Supply voltage available brtween 2.7 to 5.0V *oe Package : Metal lid + Ceramic base *oe 7.0*~5.0*~1.9mm * *oe to 26 MHz 10 Electrical Performance Symbols F0 dFt/F Tsto Vcc Icc dFv Vo Zcr dFz dF/V PN Symbols Description Available Frequency Range Frequency Stability vs.Operating (25 ref ) C . Temperture Storage Temperture Supply Voltage Supply Current Supply Voltage Change Output Voltage Load Load Change Voltage Control Phase Noise * Description Aging (First Year) Shock Vibration Solderability Humidity * AXLE7050 AXLE7050V 10 * 26 MHz .000 .000 *} .5ppm, 2.0ppm, 2.5ppm( -30 to +75C ) 1 *} *} *} .5ppm, 3.0ppm( -40 to +85C ) 2 *} -40 to +85C +2.7 to 5.0V 2.0 mA max *}0.2 ppm / Vcc*}5% 0.8Vp-p ( Clipped sine wave ) 10 K//10pF *}0.2 ppm ( 10K*}10% // 10pF*}10% ) *}8ppm,*}10ppm,*}15ppm/+1.5*}1 -135dBc / Hz typ.(1.0KHz) Environmental Characteristics Specification *}1.0 ppm max/year Test: 3 times free drop onto concrete board from 150cm heigh Result: *}1.0 ppm max Test: Frequency 5-500Hz, Amplitude 1.5mm, Test time 4cycles/X Result: *}1.0 ppm max Test : More than, at *5 for sec 95 235 } C 3 % Test to95 relative humidity atC for hours : 90 % + *} 1000 60 3 Result: *}1.0 ppm max Outline Drawing & Suggested Pad 7 . 0 *}0 . 2 MA RKING TERMINAL CONECTION TCXO VCTCXO #1 GND Vcont #2 GND GND #3 OUTPUT OUTPUT #4 Vcc Vcc 1 . 9 m ax 5. 0*}0. 2 1 .5 #1 # 2 4 *| (1 .0 ) 1 .2 # 4 #3 58 .0 * Suggested Pad (Top View) www.axtal.com info@axtal.com fon: +49 6261 939834 fax: +49 6261 939836 4*| (1.4) AXTAL GmbH & Co. KG Wasemweg 5 D-74821 Mosbach .2 4 |
Price & Availability of AXLE7050 |