Part Number Hot Search : 
IL9153 SDR952P EVKIT P3002AAL N6116 BG160128 10N20 05002
Product Description
Full Text Search
 

To Download AUMP-16H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AUM & AUMP-16H
MICROWAVE ATTENUATORS
7 to 11 GHz / 0 to 15 dB / Ferrite / Excellent Temperature Stability / MIL-E-5400 Class 3 / SMA
AUM-16H
PRINCIPAL SPECIFICATIONS
Model Number AUM-16H AUMP-16H AUMP-16HKX AUMP-16HTX AUM-16H Mechanical Configuration Standard Model Panel Mount Version Panel Mount w/ Knob Panel Mount w/ TC Dial
NOTES:
GENERAL SPECIFICATIONS
Weight oz. (g) 2.5 (70) 3.8 (106) 3.8 (106) 3.8 (106) Frequency Range: Attenuation Range: Insertion Loss: VSWR: Impedance: Attenuation Flatness: CW Power: Connectors: 7.0 to 11.0 GHz 0 - 15 dB 0.5 dB max. 1.5:1 max. 50 nom. 0.5 dB or 5% 2 Watts max. SMA Female per interface rqts of MIL-C-39012. -- 55 to +85C
1. Tolerance on 3 place decimal .020(.51) except as noted. 2. Dimensions in inches over millimeters. 3. Counterclockwise shaft rotation increases attenuation.
Operating Temp.:
Typical Attenuation in dB vs Frequency
05Mar96
General Notes: 1. The AUM/AUMP-16H series has been designed for wideband ECM systems and other microwave applications in the 7 GHz to 11 GHz frequency band where precise attenuation must be maintained over a wide variety of military and laboratory environments. Applications include signal and LO power control, automatic level control and impedance matching. 2. The AUM/AUMP-16H series of attenuators use ferrite absorption of microwave energy for long term stability and high reliability. They meet the applicable requirements of MIL-A-24215 and can be supplied screened to meet specific military and commercial high reliability applications.
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
AUM & AUMP-16H
MICROWAVE ATTENUATORS
7 to 11 GHz / 0 to 15 dB / Ferrite / Excellent Temperature Stability / MIL-E-5400 Class 3 / SMA
AUMP-16H
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters. 3. Counter clockwise shaft rotation increases attenuation. 4. Shaft lock mounting nut, shaft locking nut, flat washer and internal tooth lockwasher are supplied by MERRIMAC. 5. Call Merrimac for panel mount installation instructions.
AUMP-16HKX
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters. 3. Knob lock and control knob are supplied by MERRIMAC. 4. Counter clockwise control knob rotation increases attenuation. 5. Call Merrimac for panel mount installation instructions.
05Mar96
F rf t e if r to c n a tM ERRI AC /41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973 5750531
AUM & AUMP-16H
MICROWAVE ATTENUATORS
7 to 11 GHz / 0 to 15 dB / Ferrite / Excellent Temperature Stability / MIL-E-5400 Class 3 / SMA
AUMP-16HTX
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters. 3. Turns counting dial, mounting nut, anti-rotation washer are supplied by MERRIMAC. 4. Counter clockwise rotation increases attenuation. 5. Call Merrimac for panel mount installation instructions.
05Mar96
F rf t e if r to c n a tM ERRI AC /41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973- 0531 575-


▲Up To Search▲   

 
Price & Availability of AUMP-16H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X