Part Number Hot Search : 
N34DR 060STR SMB5920B ADP190 NRF902 1SMA5950 AAP662 4066D
Product Description
Full Text Search
 

To Download AA8641 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agamem Microelectronics Inc. PRELIMINARY
AA8641
LOW VOLTAGE VIDEO AMPLIFIER
DESCRIPTION AA8641 is a low voltage 75 ohm video driver with built-in low pass filter. It supports 3V and 5V operating voltage, and is ideal for video output device, ranging from portable digital still camera and stationary equipment such as DVD player. It incorporates high performance 4-stage LPF which is ideal for removing DAC sampling noise. In addition, ultra-low power consumption is achieved through power saving to under 1uA. It prolongs the battery life of portable device. FEATURES * Operating voltage, typical 2.8V~5.5V * Operating temperature range, -40~+85 * Current consumption, 7.0mA typical * Current consumption during power saving, 1.0uA * High precision voltage gain, 6.0dB +/- 0.3dB * Built-in high performance 4-stage LPF, 6.75 MHz/ 100KHz Max. +1/-5dB 15 MHz/ 100KHz Typ.-25dB * Internal clamp, 1.28V * Ultra small package, SOT26 * Support AC-couple and DC-couple (no need to use output capacitors) output APPLICATION * Portable * Digital camera * DVD player * Surveillance
(c)Copyright Agamem Microelectronics Inc.
1
www.agamem.com.tw
2008/5/5
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Agamem Microelectronics Inc. PRELIMINARY
BLOCK DIAGRAM
AA8641
LOW VOLTAGE VIDEO AMPLIFIER
PIN DESCRIPTIONS 1 2 3
PS OUT SAG
6 5 4
VCC GND IN
TOP VIEW PIN NO. 1 2 3 4 5 6 PIN NAME PS OUT SAG IN GND VCC PIN FUNCTION Output is muted as this pin is set to low Composite video signal output terminal SAG correction is to reduce the capacitance of output coupling capacitor Composite video signal input terminal 0V power supply Typical 3V power supply
(c)Copyright Agamem Microelectronics Inc.
2
www.agamem.com.tw
2008/5/5
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Agamem Microelectronics Inc. PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
AA8641
Ta=25
LOW VOLTAGE VIDEO AMPLIFIER
PARAMETER Supply Voltage Operating Ambient Temperature Storage Temperature
SYMBOL VCC TA TS
RATING 8 -40~+80 -65~+150
UNIT V
NOTE: Stress above those listed under "Absolute Maximum Rating" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for the extended periods of time may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = 25C, VCC = 3V
SYMBOL ICC1 ICC2 IPSH IPSL VPSH VPSL VIN VOUT GV FC1 FC2 DG DP SN
PARAMETER Supply current Supply current (at power save mode) Power save H terminal L input current Power Save H terminal input L voltage Input terminal voltage Output terminal voltage Voltage gain Frequency characteristic 1 Frequency characteristic 2 Differential gain Differential phase S/N
CONDITIONS MIN No signal No signal, PS: ON 1P1N VH=2.8V 1P1N VL=0.2V 2.0
LIMITS TYP MAX 7 9 1 360 18 Vcc 0.5
UNIT mA uA uA uA V V V
4PIN 2PIN SIN wave: 1V, f=100kHz SIN wave: 1V, 6.75MHz/100kHz SIN wave: 1V, 15MHz/100kHz Staircase signal 1V Staircase signal 1V BW: 100k ~ 6MHz 0.12 5.7
1.28 0.35 6.0 6.3 -5 -25 NA NA NA
V dB dB dB % dB
(c)Copyright Agamem Microelectronics Inc.
3
www.agamem.com.tw
2008/5/5
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Agamem Microelectronics Inc. PRELIMINARY
Power Saving MODE Function Power Saving Operation Power Saving PS L H Open
AA8641
LOW VOLTAGE VIDEO AMPLIFIER
APPLICATION CIRCUIT1 - AC-COUPLE OUTPUT
APPLICATION CIRCUIT2 - DC-COUPLE OUTPUT
(c)Copyright Agamem Microelectronics Inc.
4
www.agamem.com.tw
2008/5/5
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Agamem Microelectronics Inc. PRELIMINARY
ORDERING INFORMATION ORDER NO. AA8641A PACKAGE SOT26L PACKING Tape & Reel
AA8641
MARK CHART
8641
XXXA
LOW VOLTAGE VIDEO AMPLIFIER
ONE REEL Q'TY 3,000ea
PACKAGE DIMENSIONS
SYMBOLS A A1 A2 B C D E e H L 1 e1
DIMENSIONS IN MILLIMETERS MIN NOM MAX 1.00 1.10 1.30 0.00 0.70 0.35 0.10 2.70 1.40 --2.60 0.37 1 ----0.80 0.40 0.15 2.90 1.60 1.90(TYP) 2.80 --5 0.95(TYP) 0.10 0.90 0.50 0.25 3.10 1.80 --3.00 --9 ---
NOTES ON USE 1. PACKAGE BODY SIZES EXCLUDE MOLD FLAH PROTRUSIONS OR GATE BURRS 2. TOLERANCE 0.1000mm(4mil) UNLESS OTHERWISE SPECIFIED 3. COPLANARIT : 0.1000mm 4. DIMENSIONL IS MEASURED IN GAGE PLANE
(c)Copyright Agamem Microelectronics Inc.
5
www.agamem.com.tw
2008/5/5
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.


▲Up To Search▲   

 
Price & Availability of AA8641

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X