Part Number Hot Search : 
L9953TR UML500 2N5088 SK025 IP317AK AT49L MBD444 D74LVC16
Product Description
Full Text Search
 

To Download 472PSB302K2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSB/ RSB
APPLICATION I Snubber I IGBT Modules
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
I Energy Conversion I Power Semiconductor Circuits
FEATURES I High Current I High Voltage SPECIFICATIONS
Operating Temperature Range Capacitance Tolerance
WVDC Surge/AC Voltage (RMB) SVDC VAC 700
1100
I Multiple Lead Styles I High Pulse
PSB: -40C to +85C (+100C observing voltage and current de-rating) RSB: -40C to +85C 10% at 1kHz, 25C 5% optional 850
1300
1000
1550
1200
1750
1500
2200
2000
2600
2500
3300
3000
4000
(1200) 500
(1300) 575
(1600) 630
(2400) 700
(3500) 750
420
650
725
For T>+85C the rated voltage must be de-rated by 1.25%/C
Dissipation Factor (tan ) @1kHz, 25C Insulation Resistance @20C (<70% RH)for 1 minute at 100VDC applied
C1.0F
.05%
C>1.0F
.06%
30000M x F (Not to exceed 30G)
<1 nano-Henry per mm of lead spacing and lead length Terminal to Terminal Terminal to Case 3KVAC @ 50/60Hz applied for 60 Seconds at 25C 1.5xCxdv/dt 100000 hours for WVDC, 30000 hours for VAC at 70C 300/1x109 component hours <1% after 2 years at standard environmental conditions Double Metallized film with polypropylene film and internal series connections Flame retardant plastic box with epoxy end fill (UL94V-0) Lead free tinned copper leads (RoHS compliant)
Self Inductance
Dielectric Strength Peak Current Life Expectancy Failure Quota Long Term Stability Construction Coating Lead Terminations
160% of VDC applied for 10 Seconds and 25C 200% of VDC applied for 2 Seconds and 25C
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
180
PSB/RSB
WVDC (VAC)
700 (420) 850 (500) 1000 (575)
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
PHYSICAL DIMENSIONS
1200 (630) 1500 (650) 2000 (700) 2500 (725) 3000
(F) 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22
(750) 26.5x16x7
26.5x16x7 26.5x17x8.5 26.5x16x7 26.5x16x7 26.5x16x7 26.5x16x7 26.5x16x7 26.5x16x7 26.5x18.5x10 26.5x20x11 32x20x11 32x22x13 26.5x18.5x10 26.5x20x11 32x20x11 32x22x13 26.5x17x8.5 26.5x20x11 32x17x9 26.5x22x13 32x20x11 32x22x13 26.5x17x8.5 26.5x18.5x10 32x17x9 26.5x22x13 32x20x11 32x22x13 32x24.5x15 26.5x17x8.5 26.5x18.5x10 32x17x9 32x22x13 32x20x11 32x22x13 32x24.5xz15 32x33x18 42.5x28x17 32x37x22 42.5x30x22 26.5x17x8.5 26.5x20x11 32x20x11 26.5x22x33 32x20x11 32x22x13 32x24.5x15 32x33x18 42.5x28x17 32x33x18 32x37x22 42.5x30x22 42.5x30x22 42.5x37x28 42.5x45x30 32x24.4x15 32x33x18 32x33x18 42.5x26x17 32x37x22 42.5x30x22 42.5x37x28 42.5x33.5x22 42.5x37x28 42.5x45x30 32x33x18 32z37x22 42.5x28x17 42.5x30x22 42.5x37x28 42.5x37x28 42.5x37x28 57.5x45x30 57.5x45x35 32x37x22 42.5x28x17 42.5x30x22 42.5x30x22 42.5x37x28 42.5x37x28 42.5x37x28 42.5x45x30 42.5x30x22 42.5x37x28 42.5x45x30 42.5x45x30 42.5x45x30 57.5x45x30 57.5x50x35 57.5x50x35 42.5x37x28 42.5x37x28 42.5x45x30 42.5x45x30 42.5x45x30 57.5x45x30 42.5x45x30 57.5x45x30 57.5x45x30 57.5x45x30 57.5x50x35 42.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 57.5x45x30 57.5x45x30 57.5x50x35 57.5x50x35 26.5x18.5x10 26.5x22x13 32x20x11 32x22x13 32x24.5x15 32x33x18 32x33x18 42.5x28x17 42.5x30x22 42.5x37x28
26.5x17x8.5 26.5x20x11 32x20x11 26.5x22x13 32x20x11 32x22x13 32x24.5x15 32x33x18 32x37x22 42.5x28x17 32x33x18 42.5x30x22 32x37x22 42.5x37x28 42.5x37x28 42.5x45x30 42.5x45x30 57.5x45x30
0.33
32x24.5x15
32x28x14
32x33x18 42.5x28x17
42.5x45x30
0.39 0.47 0.56 0.68 0.82 1 1.2 1.5 1.8 2 2.2
57.5x45x30 57.5x50x35
57.5x50x35 57.5x50x35
Convert to inches divide by 25.4
LxHxT (mm)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
181
PSB/RSB
(F) 2.5 3 3.3 4 4.7 5 5.6 42.5x45x30 42.5x45x30 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 WVDC (VAC) 700 (420) 850 (500) 57.5x45x30 57.5x45x30 57.5x45x30 57.5x50x35 57.5x50x35 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 1000 (575)
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
PHYSICAL DIMENSIONS
1200 (630) 57.5x45x30 57/5x50x35 1500 (650) 2000 (700) 2500 (725) 3000 (750)
57.5x50x35
Convert to inches divide by 25.4
LxHxT (mm)
L
T
d
H
LL
S 0.4
WVDC L H T S d
ALL 26.5 ALL ALL 22.5 0.8
850 32 20 ALL 27.5 0.8
85024.5 >15 27.5 1.2 32 33 18 27.5 1.0
V>2500 32 >33 >18 27.5 1.2
ALL 42.5 ALL ALL 37.5 1.2
ALL 57.5 ALL ALL 52.5 1.2
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
182
PSB/RSB
Capacitance WVDC (F) PART NUMBER dv/dt (v/s) Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m Dimensions LxHxT (mm)
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
STANDARD PARTS LISTING
Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m
Capacitance WVDC (F)
PART NUMBER
dv/dt (v/s)
Dimensions LxHxT (mm)
0.0047 0.0068 0.0068 0.01 0.01 0.01 0.015 0.015 0.015 0.015 0.022 0.022 0.022 0.022 0.022 0.033 0.033 0.033 0.033 0.033 0.033 0.047 0.047 0.047 0.047 0.047 0.047 0.047 0.047 0.068 0.068 0.068 0.068 0.068 0.068 0.068 0.068 0.068 0.068 0.1 0.1 0.1 0.1 0.1
3000 472PSB302K2G 3400 2500 682PSB252K2G 2650 3000 682PSB302K2G 3400 2500 103PSB252K2G 2650 3000 103PSB302K2G 3400 3000 103PSB302K2H 2750 2000 153PSB202K2G 2150 2500 153PSB252K2G 2650 3000 153PSB302K2G 3400 3000 153PSB302K2H 2750 1500 223PSB152K2G 1500 2000 223PSB202K2G 2150 2500 223PSB252K2G 2650 2500 223PSB252K2H 2150 3000 223PSB302K2H 2750 1200 333PSB122K2G 1300 1500 333PSB152K2G 1500 2000 333PSB202K2G 2150 2000 333PSB202K2H 1750 2500 333PSB252K2H 2150 3000 333PSB302K2H 2750 1000 473PSB102K2G 1000 1200 473PSB122K2G 1300 1500 473PSB152K2G 1500 1500 473PSB152K2H 1225 2000 473PSB202K2G 2150 2000 473PSB202K2H 1750 2500 473PSB252K2H 2150 3000 473PSB302K2H 2750 850 683PSB850K2G 850 1000 683PSB102K2G 1000 1200 683PSB122K2G 1300 1200 683PSB122K2H 1100 1500 683PSB152K2G 1500 1500 683PSB152K2H 1225 2000 683PSB202K2H 1750 2500 683PSB252K2H 2150 3000 683PSB302K2H 2750 3000 683PSB302K2J 1600 700 850 104PSB700K2G 600 104PSB850K2G 850
1.5 1.5 2 2 2.5 2.5 2 2.5 3 3 2.5 2.5 3 3 4 3 3 3.5 4 4 5 3 3.5 3.5 3.5 4.5 4.5 5.5 7.5 3.5 3.5 4 4 5 5 5.5 8 9.5 8 3.5 4.5 5 5 5.5
87 68 64 51 45.7 54 37.5 36 33 38 29.5 27.5 26.5 30.5 26.5 23 21.8 20.5 23.7 22.5 19 18 16.9 16.5 18.2 14.8 16.8 16 13.8 13.9 13.5 12.7 14.3 12.3 13.8 12.1 11.3 10.5 12.4 13 10.4 9.9 11 9.7
26.5x16x7 26.5x16x7 26.5x17x8.5 26.5x17x8.5 26.5x20x11 32x20x11 26.5x16x7 26.5x18.5x10 26.5x22x13 32x20x11 26.5x16x7 26.5x17x8.5 26.5x22x13 32x20x11 32x22x13 26.5x16x7 26.5x17x8.5 26.5x20x11 32x20x11 32x22x13 32x24.5x15 26.5x16x7 26.5x17x8.5 26.5x18.5x10 32x17x9 26.5x22x13 32x20x11 32x24.5x15 32x33x18 26.5x16x7 26.5x17x8.5 26.5x18.5x10 32x17x9 26.5x22x13 32x20x11 32x22x13 32x33x18 32x37x22 42.5x28x17 26.5x16x7 26.5x18.5x10 26.5x20x11 32x17x9 26.5x22x13
0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.33 0.33 0.33 0.33 0.33 0.33 0.33 0.33 0.33 0.33 0.33 0.33
1200 104PSB122K2H 1100 1500 104PSB152K2H 1225 2000 104PSB202K2H 1750 2500 104PSB252K2H 2150 2500 104PSB252K2J 1350 3000 104PSB302K2J 1600 3000 104RSB302K2H 3350 700 154PSB700K2G 850 154PSB850K2G 850 154PSB850K2H 1000 154PSB102K2H 600 850 700 850
5.5 6.5 8 10 8.5 10 8 5 6.5 6.5 6.5 6.5 7 8 11 9 10 12 10 6.5 6.5 8 8.5 9 12 12 12 12 10.5 12 12 12 8.5 9 12 12 12 12 12 12 11 12 12 14
10.6 9.5 8.4 7.6 11.8 9.4 12 9.3 7.5 8.6 7.3 8.2 7.6 7.1 6.5 8 7.7 6.8 9.5 7 7.8 6.4 5.7 5.4 5.1 6.8 5.2 5.6 8.2 5.8 5.2 8.9 5.9 4.8 4.5 4.3 5.5 4.1 5.3 4.7 8.2 4.3 5.1 6.8
32x20x11 32x22x13 32x24.5x15 32x33x18 42.5x28x17 42.5x30x22 32x33x18 26.5x18.5x10 26.5x20x11 32x20x11 26.5x22x13 32x20x11 32x22x13 32x24.5x15 32x33x18 42.5x28x17 42.5x30x22 42.5x37x28 32x37x22 26.5x20x11 32x20x11 32x22x13 32x22x13 32x24.5x15 32x33x18 42.5x28x17 32x37x22 42.5x30x22 32x33x18 42.5x37x28 42.5x45x30 42.5x37x28 32x22x13 32x24.5x15 32x28x14 32x33x18 42.5x28x17 32x37x22 42.5x30x22 42.5x37x28 42.5x30x22 42.5x45x30 57.5x45x30 42.5x45x30
1000 154PSB102K2G 1000 1200 154PSB122K2H 1100 1500 154PSB152K2H 1225 2000 154PSB202K2H 1750 2000 154PSB202K2J 1000 2500 154PSB252K2J 1350 3000 154PSB302K2J 1600 3000 154RSB302K2H 3350 700 224PSB700K2G 700 224PSB700K2H 850 224PSB850K2H 600 485 700
1000 224PSB102K2H 1300 1200 224PSB122K2H 1100 1500 224PSB152K2H 1225 1500 224PSB152K2J 800 2000 224PSB202K2H 1750 2000 224PSB202K2J 1000 2000 224RSB202K2H 1900 2500 224PSB252K2J 1350 3000 224PSB302K2J 1600 3000 224RSB302K2J 2050 700 334PSB700K2H 850 334PSB850K2H 485 700
1000 334PSB102K2H 1300 1200 334PSB122K2H 1100 1200 334PSB122K2J 1500 334PSB152K2J 650 800 1500 334PSB152K2H 1225 2000 334PSB202K2J 1000 2000 334RSB202K2J 1220 2500 334PSB252K2J 1350 3000 334PSB302K2R 875 3000 334RSB302K2J 2050
1000 104PSB102K2G 1000 1000 104PSB102K2H 850 1200 104PSB122K2G 1300
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
183
PSB/RSB
Capacitance WVDC (F) PART NUMBER dv/dt (v/s) Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m Dimensions LxHxT (mm)
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
STANDARD PARTS LISTING
Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m
Capacitance WVDC (F)
PART NUMBER
dv/dt (v/s)
Dimensions LxHxT (mm)
0.39 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.56 0.56 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.82 0.82 0.82 1 1 1 1 1 1 1 1 1 1.2 1.2 1.2
2500 394PSB252K2J 1350 700 474PSB700K2H 485 850 474PSB850K2H 700 1000 474PSB102K2H 850 1000 474PSB102K2J 570 1200 474PSB122K2H 1100 1200 474PSB122K2J 650 1500 474PSB152K2J 800 2000 474PSB202K2J 1000 2000 474RSB202K2J 1220 2500 474PSB252K2R 750 3000 474PSB302K2R 875 3000 474RSB302K2R 1150 2000 564PSB202K2J 1000 2500 564PSB252K2R 750 700 684PSB700K2H 485 850 684PSB850K2H 700 850 684PSB850K2J 400 850 684RSB102K2H 1120 1000 684PSB102K2J 570 1200 684PSB122K2J 650 1500 684PSB152K2J 800 2000 684PSB202K2R 580 2000 684RSB202K2J 1220 2500 684PSB252K2R 750 3000 684RSB302K2R 1150 2000 824PSB202K2R 580 2500 824PSB252K2R 750 3000 824RSB302K2R 1150 700 105PSB700K2H 485 700 850 105PSB700K2J 325 105PSB850K2J 400
12 9 12 12 12 12 12 12 12 12.5 12 12 14 12 12 12 12 12 14 12 12 12 12 14 12 14 12 12 14 12 12 12 12 13.5 12 12 12 14 12 14 12
4.3 4.6 3.9 3.7 4.6 3.4 4.8 4.4 4 6.7 4.6 4.5 6.8 3.7 4.3 3.7 3.3 4.1 5 3.9 3.9 3.8 4.3 5.7 4 5.9 3.9 3.7 5.4 3.2 3.9 3.3 3.4 5 3.4 3.2 3.6 4.7 3.4 4.8 3.5
42.5x45x30 32x24.5x15 32x33x18 32x33x18 42.5x28x17 32x37x22 42.5x30x22 42.5x37x28 42.5x37x28 42.5x33.5x22 57.5x45x30 57.5x50x35 57.5x45x30 42.5x45x30 57.5x45x30 32x33x18 32x37x22 42.5x28x17 32x37x22 42.5x30x22 42.5x37x28 42.5x37x28 57.5x45x30 42.5x37x28 57.5x50x35 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 32x37x22 42.5x28x17 42.5x30x22 42.5x37x28 42.5x30x22 42.5x37x28 42.5x45x30 57.5x50x35 42.5x45x30 42.5x45x30 42.5x37x28 57.5x45x30
1.2 1.2 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.8 2 2 2 2 2 2.2 2.2 2.2 2.2 2.2 2.2 2.5 2.5 2.5 3 3 3 3 3.3 3.3 3.3 3.3 3.3 4 4 4 4.7 4.7 4.7 5 5.6
2000 125PSB202K2R 2000 125RSB202K2R 700 155PSB700K2J 850 155PSB850K2J 850 155RSB102K2J 1000 155PSB102K2J 1200 155PSB122K2J 1500 155PSB152K2R 2000 155RSB202K2R 1500 185PSB152K2R 700 205PSB700K2J 850 205PSB850K2J 1000 205PSB102K2R 1000 205RSB102K2J 1200 205PSB122K2R 700 225PSB700K2J 850 225PSB850K2J 1000 225PSB102K2R 1000 225RSB102K2J 1200 225PSB122K2R 1200 225RSB122K2R 850 255PSB850K2R 1200 255PSB122K2R 1200 255RSB122K2R 700 305PSB700K2J 850 305PSB850K2R 1000 305PSB102K2R 1000 305RSB102K2R 700 335PSB700K2J 850 335PSB850K2R 1000 335PSB102K2R 1000 335RSB102K2R 1200 335RSB122K2R 700 405PSB700K2R 850 405PSB850K2R 1000 405RSB102K2R 700 475PSB700K2R 850 475PSB850K2R 1000 475RSB102K2R 700 505PSB700K2R 700 565PSB700K2R
580 870 325 400 750 570 650 500 725 500 325 400 320 750 350 325 400 320 750 350 500 275 350 500 325 275 320 450 325 275 320 450 500 200 275 450 200 450 450 200 200
12 14 12 12 14 12 12 12 14 12 12 12 12 14 12 12 12 12 14 12 14 12 12 14 12 12 12 14 12 12 12 14 14 12 12 14 12 14 14 12 12
3.2 5.2 3.4 2.8 4.4 2.9 2.8 3.2 4.7 3 3.1 2.5 3.2 4 3 3 2.5 3.1 4 2.9 4.8 2.9 2.7 4.5 2.7 2.7 2.7 4.4 2.6 2.7 2.6 4.2 3.9 3 2.5 3.8 2.8 2.4 3.5 2.7 2.6
57.5x50x35 57.5x45x30 42.5x30x22 42.5x37x28 42.5x37x28 42.5x45x30 42.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 42.5x37x28 42.5x45x30 57.5x45x30 42.5x45x30 57.5x45x30 42.5x37x28 42.5x45x30 57.5x45x30 42.5x45x30 57.5x50x35 57.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 42.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 42.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35
1000 105PSB102K2J 570 1000 105RSB102K2J 750 1200 105PSB122K2J 650 1500 105PSB152K2J 800 2000 105PSB202K2R 580 2000 105RSB202K2J 1220 1200 125PSB122K2J 650 1200 125RSB122K2J 870 1500 125PSB152K2R 500
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
184
PSB/RSB
WVDC (VAC) 700 (420) 850 (500) 1000 (575)
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
PHYSICAL DIMENSIONS
4 Leaded Capacitors
(F) 0.033
0.047 0.068 0.1 0.15 0.22 0.33 0.39 0.47 0.56 0.68
1200 (630)
1500 (650)
2000 (700)
2500 (725)
3000 (750) 32x33x18
-
32x33x18 32x37x22 32x33x18 32x33x18 32x33x18 32x33x18 32x37x22 ------------42.5x37x28 ------------> 42.5x37x28 32x37x22 42.5x37x28 ------------> 42.5x37x28 42.5x45x30 42.5x37x28 57.5x45x30 57.5x45x30 42.5x37x28 42.5x45x30 42.5x45x30 57.5x45x30 57.5x45x30 57.5x30x35 57.5x50x35 57.5x45x30 57.5x50x35 42.5x37x28 42.5x37x28 42.5x45x30 42.5x45x30 57.5x45x30
-------------
------------32x33x18
------------32x33x18 ------------32x37x22 42.5x37x28
------------32x37x22 ------------42.5x37x28
------------32x33x18
------------32x37x22
0.82 1 1.2 1.5 1.8 2 2.2 2.5 3
32x37x22 -----
42.5x37x28
42.5x30x22 42.5x37x28
42.5x37x28 42.5x37x28 42.5x45x30
42.5x45x30 57.5x45x30 57.5x50x35 57.5x50x35
42.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35
42.5x37x28 -42.5x37x28 42.5x37x28 42.5x45x30 42.5x45x30 57.5x45x30 42.5x45x30 42.5x45x30 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x45x30 57.5x45x30 57.5x50x35
42.5x37x28 42.5x45x30
42.5x45x30
42.5x45x30 57.5x45x30 42.5x45x30 57.5x45x30
57.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35
57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35
3.3
4
4.7
5
5.6
Convert to inches divide by 25.4
LxHxT (mm)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
185
PSB/RSB
Capacitance WVDC (F) PART NUMBER dv/dt (v/s) Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m Dimensions LxHxT (mm)
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
STANDARD PARTS LISTING
Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m
Capacitance WVDC (F)
PART NUMBER
dv/dt (v/s)
Dimensions LxHxT (mm)
0.033 0.047 0.068 0.1 0.1 0.15 0.15 0.22 0.22 0.22 0.22 0.33 0.33 0.33 0.33 0.33 0.33 0.39 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.56 0.56 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.82 0.82 0.82 1 1 1 1 1
3000 333PSB302K4H 2750 3000 473PSB302K4H 2750 3000 683PSB302K4H 2750 2500 104PSB252K4H 2150 3000 104PSB302K4J 1600 2000 154PSB202K4H 1750 3000 154PSB302K4J 1600 1500 224PSB152K4H 1225 2000 224PSB202K4H 1750 2500 224PSB252K4J 1350 3000 224PSB302K4J 1600 1200 334PSB122K4H 1100 1500 334PSB152K4H 1225 2000 334PSB202K4J 1000 2500 334PSB252K4J 1350 3000 334PSB302K4R 875 3000 334RSB302K4J 2050 2500 394PSB252K4J 1350 850 474PSB850K4H 700 1000 474PSB102K4H 850 1200 474PSB122K4H 1100 1500 474PSB152K4J 800 2000 474PSB202K4J 1000 2500 474PSB252K4R 750 3000 474PSB302K4R 875 3000 474RSB302K4R 1150 2000 564PSB202K4J 1000 2500 564PSB252K4R 750 700 850 684PSB700K4H 485 684PSB850K4H 700
7 8.5 11 11.5 12.5 12 14.5 14 15 15.5 18.5 15.5 17.5 17.5 20 20.5 16.5 20.5 15.5 16 19 18 19 22 22 18 22 22 16 19 19 16 19.5 20 22 16.5 22 21 22 22 22 19 21 22 15 21
18.3 13.1 9.8 7 8.7 5.9 6.1 4.5 4.6 5.2 4.5 3.7 3.5 4.1 3.9 4.4 6.1 3.6 3.2 3.1 2.8 3.8 3.4 3.9 3.8 6.1 3.1 3.6 3.1 2.8 2.6 4.3 3.3 3.2 3.6 5 3.3 5.2 3.2 2.9 4.7 2.6 2.7 2.7 4.3 2.8
32x33x18 32x33x18 32x37x22 32x33x18 42.5x37x28 32x33x18 42.5x37x28 32x33x18 32x37x22 42.5x37x28 42.5x45x30 32x33x18 32x37x22 42.5x37x28 42.5x45x30 57.5x45x30 42.5x45x30 42.5x45x30 32x33x18 32x33x18 32x37x22 42.5x37x28 42.5x37x28 57.5x45x30 57.5x50x35 57.5x45x30 42.5x45x30 57.5x45x30 32x33x18 32x37x22 42.5x37x28 32x37x22 42.5x37x28 42.5x37x28 57.5x45x30 42.5x37x28 57.5x50x35 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 32x37x22 42.5x37x28 42.5x37x28 42.5x30x22 42.5x37x28
1 1 1 1.2 1.2 1.2 1.2 1.2 1.5 1.5 1.5 1.5 1.5 1.5 1.8 2 2 2 2 2 2.2 2.2 2.2 2.2 2.2 2.2 2.5 2.5 2.5 3 3 3 3 3.3 3.3 3.3 3.3 3.3 4 4 4 4.7 4.7 5 5.6
1500 105PSB152K4J 2000 105PSB202K4R 1200 125PSB122K4J 1200 125RSB122K4J 1500 125PSB152K4R 2000 125PSB202K4R 2000 125RSB202K4R 850 155PSB850K4J 1000 155PSB102K4J 1000 155RSB102K4J 1200 155PSB122K4J 1500 155PSB152K4R 2000 155RSB202K4R 1500 185PSB152K4R 700 205PSB700K4J 850 205PSB850K4J 1000 205PSB102K4R 1000 205RSB102K4J 1200 205PSB122K4R 700 225PSB700K4J 850 225PSB850K4J 1000 225PSB102K4R 1000 225RSB102K4J 1200 225PSB122K4R 1200 225RSB122K4R 850 255PSB850K4R 1200 255PSB122K4R 1200 255RSB122K4R 700 305PSB700K4J 850 305PSB850K4R 1000 305PSB102K4R 1000 305RSB102K4R 700 335PSB700K4J 850 335PSB850K4R 1000 335PSB102K4R 1000 355RSB102K4R 1200 335RSB122K4R 700 405PSB700K4R 850 405PSB850K4R 1000 405RSB102K4R 700 475PSB700K4R 1000 475RSB102K4R 700 505PSB700K4R 700 565PSB700K4R
800 580 650 870 500 580 870 750 570 750 650 500 725 500 325 400 320 750 350 325 400 320 750 350 500 275 350 500 325 275 320 450 325 275 320 450 500 200 275 450 200 450 200 200
22 22 20 22 18 22 22 20.5 23 22 18.5 22 22 23.5 22 22 22 22 21 22 22 22 22 21.5 22 21.5 22 22 22.5 22 22 22 23 22 22 22 23.5 26 22 22 26 22 26 22 22
2.6 2.9 4 2.5 4.1 2.9 2.5 4.5 2.1 2.2 3.7 2.1 2.6 4 2.4 2.5 1.9 2.6 3.3 2.4 2.4 1.9 2.5 3.3 2.3 4.1 2.3 2.1 3.8 2.1 2.1 2.1 3.7 2 2.1 2 3.5 3.2 2.4 1.9 3.1 2.2 2.8 2.2 2
42.5x45x30 57.5x50x35 42.5x45x30 42.5x45x30 42.5x37x28 57.5x45x30 57.5x50x35 57.5x45x30 42.5x37x28 42.5x45x30 42.5x37x28 42.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 42.5x37x28 42.5x45x30 57.5x45x30 42.5x45x30 57.5x45x30 42.5x37x28 42.5x45x30 57.5x45x30 42.5x45x30 57.5x50x35 57.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 42.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 42.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35
2000 105RSB202K4J 1220
1000 684PSB102K4J 570 1000 684RSB102K4H 1120 1200 684PSB122K4J 650 1500 684PSB152K4J 800 2000 684PSB202K4R 580 2000 684RSB202K4J 1220 2500 684PSB252K4R 750 3000 684RSB302K4R 1150 2000 824PSB202K4R 580 2500 824PSB252K4R 750 3000 824RSB302K4R 1150 700 850 105PSB700K4H 485 105PSB850K4J 400
1000 105PSB102K4J 570 1000 105RSB102K4J 750 1200 105PSB122K4J 650
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
186
PSB/RSB
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
PHYSICAL DIMENSIONS
L
T
H
LL a
S P0.5
L S H P d
32 27.5 22 10.2 0.8
32 27.5 2232 27.5 28 10.2 1.2
42.5 37.5 37 10.2 1.2
42.5 37.5 >37 20.3 1.2
57.5 52.5 ALL 20.3 1.2
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
187
PSB/RSB
Capacitance WVDC (F) PART NUMBER dv/dt (v/s) Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m Dimensions LxHxT (mm)
Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
STANDARD PARTS LISTING
Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m
Capacitance WVDC (F)
PART NUMBER
dv/dt (v/s)
Dimensions LxHxT (mm)
0.68 0.82 0.82 1 1.2 1.2 1.5 1.8 2 2 2.2 2.2
2500 684PSB252K6R 750 2000 824PSB202K6R 580 2500 824PSB252K6R 750 2000 105PSB202K6R 580 1500 125PSB152K6R 500 2000 125PSB202K6R 580 1500 155PSB152K6R 500 1500 185PSB152K6R 500 1000 205PSB102K6R 320 1200 205PSB122K6R 350 850 225PSB850K6J 400 1000 225PSB102K6R 320
23 24 26 27 25 29 28 29.5 26 27 27 26.5
3.3 3.1 2.9 2.9 2.9 2.5 2.6 2.4 2.6 2.4 1.9 2.5
57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x45x30 57.5x45x30 42.5x45x30 57.5x45x30
2.2 2.5 2.5 3 3 3.3 3.3 4 4 4.7 5 5.6
1200 225PSB122K6R 850 255PSB850K6R 1200 255PSB122K6R 850 305PSB850K6R 1000 305PSB102K6R 850 335PSB850K6R 1000 335PSB102K6R 700 405PSB700K6R 850 405PSB850K6R 700 475PSB700K6R 700 505PSB700K6R 700 565PSB700K6R
350 275 350 275 320 275 320 200 275 200 200 200
30 27.5 31 28.5 31 29.5 32 27 32 31 31 31
2.3 2.3 2.1 2.1 2.1 2.1 2 2.4 1.9 2.2 2.2 2
57.5x50x35 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35
6 Leaded Capacitors
(F) 0.68 0.82 1
1.2
WVDC (VAC)
700 (420)
850 (500)
1000 (575)
1200 (630)
1500 (650)
2000 (700)
2500 (725) 57.5x50x35
------------
--------
----
57.5x45x30 57.5x50x35
57.5x50x35
57.5x45x30 57.5x50x35 57.5x50x35 57.5x45x30 57.5x45x30 57.5x45x30 57.5x45x30 57.5x45x30 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35
57.5x50x35
1.5 1.8 2 2.2 2.5 3 3.3 4 4.7 5 5.6
Convert to inches divide by 25.4 L T
LxHxT (mm)
H
5.51.5 52.50.5 d
10.20.5 10.20.5
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
188


▲Up To Search▲   

 
Price & Availability of 472PSB302K2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X