Part Number Hot Search : 
319211B TA025 H1300 45970 324015 2SK2178 V140LA2 RT1N14HM
Product Description
Full Text Search
 

To Download 42900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power PCB Relay 429 00 / 429 10 / 429 01
1 pole 10 A / 16 A, DC-coil
Features
* * * * 1 C/O, 1 N/O or 1N/C contact 15 mm height Ambient temperature up to 105C 4 kV / 8 mm coil-contact
Applications General purpose power relay, timers, heating controls, domestic appliances
F0247-A
VZ S
Contact data
Configuration Type of contact Rated current Rated voltage / max.breaking voltage AC Rated voltage / max.breaking voltage DC Maximum breaking capacity AC Make current (max. 4 s at duty cycle 10%) Contact material 1 C/O, 1 N/O or 1 N/C contact single contact 10 A 16 A 250 Vac / 400 Vac 250 Vdc 2500 VA 4000 VA 20 A AgCdO, AgNi
Technical data of approved types on request
H
Contact ratings Type 1 C/O 42900 1 N/O, N/C 42900 1 N/O 42900 1 C/O 42900
Load 16 A, 16 A, 10 A, 10 A,
250 250 250 400
Vac, Vac, Vac, Vac,
cos=1 cos=1 cos=1 cos=1
Operations 3x104 5x104 3x105 8x104
Coil data
Nominal voltage Nominal coil power Operate category DC coil DC coil 3...60 Vdc 0.48 W (C/O), 0.42 W (N/O, N/C) 1/b
Coil versions C/O contact Coil Nominal Pull-in Release Maximum code voltage voltage voltage voltage Vdc Vdc Vdc Vdc 16 6 4.1 0.4 12.0 13 12 8.1 0.9 24.0 10 18 12.2 1.3 36.0 08 24 16.2 1.8 48.0 06 36 24.3 2.7 72.0 05 48 32.4 3.6 96.0 03 60 40.5 4.5 120.0 All figures are given for coil without preenergization, at ambient Other coil voltages on request
Edition: 11/2003
Coil Coil resistance current c mA 80+10% 75.0 300+10% 40.0 690+10% 26.1 1200+10% 20.0 2600+10% 13.8 4825+10% 10.0 7500+10% 8.0 temperature +20C
Power PCB Relay 429 00 / 429 10 / 429 01
1 pole 10 A / 16 A, DC-coil
Coil versions, 1 N/O or 1 N/C contact Coil Nominal Pull-in Release Maximum code voltage voltage voltage voltage Vdc Vdc Vdc Vdc 66 6 4.1 0.4 13 62 12 8.1 0.9 25 60 18 12.2 1.3 39 58 24 16.2 1.8 52 56 36 24.3 2.7 78 55 48 32.4 3.6 104 53 60 40.5 4.5 130 All figures are given for coil without preenergization, at ambient Other coil voltages on request
Dimensions
Coil Coil resistance current c mA 97+10% 61.8 340+10% 35.3 800+10% 22.5 1400+10% 17.1 3050+10% 11.8 5600+10% 8.6 8700+10% 6.9 temperature +20C
View on solder pins Dimensions in mm
1 C/O contact
S0421-AC
Insulation
Dielectric strength coil-contacts open contact circuit Clearance / creepage Insulation to IEC 60664 Voltage rating Pollution degree Overvoltage category Insulation to VDE 0110b (2/79) Insulation category / reference voltage Tracking resistance of relay base 4000 Vrms 2000 Vrms > 8 mm 250 V 3 III C / 250 PTI 100 M
1 N/O contact
S0421-AA
Other data
Flammability class according to UL 94 Ambient temperature DC-coil Mechanical life DC-coil Operate- / release time Bounce time Shock resistance (destruction) Category of protection (IEC 61810) Relay weight Packaging unit V-0 -20...+105 C 5x106 operations typ. 6 / 2 ms typ. 3 ms 100 g RT I dust protected 10 g 50 / 400
PCB layout / terminal assignment
1 C/O contact, 16 A 1 N/O contact, 16 A 1 C/O contact, 10 A 1 N/O contact, 10 A
Edition: 11/2003
S0420-AH
S0420-AA
S0420-AX
S0420-AV
S0420-AC
S0420-AF
S0420-AU
S0420-AS
Power PCB Relay 429 00 / 429 10 / 429 01
1 pole 10 A / 16 A, DC-coil
Edition: 11/2003
Rights to change data / design reserved


▲Up To Search▲   

 
Price & Availability of 42900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X