Part Number Hot Search : 
3KP12CA E561UAP SP8910 TT150N TA8473F 332J100 100BG MTRPB
Product Description
Full Text Search
 

To Download 338LMU035M2BD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LMU
FEATURES
+105C Long Life Snap-Mount Aluminum Electrolytic Capacitors
For all Long Life High CV Applications
I Rugged design I Large case size selection I Capacitance range: 47F to 47,000F
I High voltage range: 10 WVDC to 450 WVDC I High ripple currents ratings I Extended Life
SPECIFICATIONS
Capacitance Tolerance
20% at 120Hz, 20C
Operating Temperature Range WVDC Dissipation Factor 120Hz, 20C
C 2200f 10 16
-40C to +105C
25 35 50 .2 .3 .7 35 3 6 50 3 6 .7 63 3 6 .4 80 3 6 .25 .35 .25 .3 63 .15 .2 .3 80 .15 .2
-25C to +105C
100 160 180 200 250 350 400 450 .15 .2 .1 .1 .1 .1 .2 .2 .2
tan WVDC
3300f C 6800f C10000f 10 4 12 16 4 12 25 3 6
100 160 180 200 250 350 400 450 3 6 3 8 3 8 3 8 3 8 8 8 8 -
Impedance Ratio 120Hz
-25C/20C -40C/20C WVDC Time
450 WVDC 5 minutes
.02CV or 2000A whichever is less
Leakage Current
2,000 hours at 105C with rated WVDC and ripple current Load Life
Capacitance change Dissipation factor Leakage current 20% of initial measured value 200% of initial specified value < Initial specified value 500 hours at +105C with no voltage applied. Units will meet load life specifications
Shelf life WVDC Ripple Current Multipliers 100 160 to 250V >250V Frequency (Hz) 400 1k
1.1 1.1 1.1 1.15 1.2 1.15
50
.8 .8 .8
120
1.0 1.0 1.0
10k
1.2 1.4 1.2
100k
1.25 1.5 1.3
45
2.4 2.4 2.4
Temperature (C) 60 70 85
2.2 2.2 2.2 2.0 2.0 2.0 1.7 1.7 1.7
105
1.0 1.0 1.0
SPECIAL ORDER OPTIONS
*
Special tolerances: 10% (K), -10% + 30% (Q)
(See Page 33 to 37)
*
Epoxy end seal
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
LMU
WVDC (SV) F
47 68 100 10 (13) 16 (20) 25 (32) 35 (44) 50 (63) 63 (79)
+ 105C Long Life Snap-Mount Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
80 (100) 100 (125) 160 (200) 180 (220) 200 (250) 250 (300) 350 (400) 400 (450) 450 (500) 22x25 22x25 22x20 22x30 25x25 22x25 22x30 22x35 25x25 25x30 30x25 22x40 25x35 30x25 25x45 30x35 35x30 30x45 35x35 35x40 40x30 35x45 35x50 35x50 40x40 22x30 25x25 22x40 25x30 30x25
150
22x25
22x35 25x30 30x25 22x50 25x40 30x30 35x25 25x50 30x40 35x30 35x35 40x30 35x40 40x35
25x40 30x30 35x25 25x50 30x40 35x30 40x25 30x50 35x40 40x35
220
22x25
22x30 25x25
330
22x25
25x25
22x35 22x40 25x30 30x25 22x50 25x40 30x30 30x35 35x25 25x45 30x35 35x25 25x50 30x35 30x40 30x45 35x30 30x45 35x35 35x40 35x40 35x45
470
22x35 25x25
22x40 25x30 25x35 30x25 22x45 25x35 25x40
560
35x45
35x50
680
25x25
25x35 30x25
22x50 25x40 30x30 30x35 25x45 30x35 30x40 35x30
820
1,000
22x30 25x25
22x40 25x30 30x25
25x45 30x35 35x30
25x50 30x40 30x45 35x35 30x45 30x50 35x35 35x45
1,200
35x45
1,500 1,800 2,200 22x30 25x25 22x30 25x25 22x30 22x35 25x25 22x35 25x30 30x25 22x50 25x40 30x30 35x25 30x40 35x30 40x25 30x50 35x40 40x35
25x25
30x25
35x25
35x35
35x45 35x50 35x50 35x50
35x50
25x30 30x25 30x30 35x25 30x40 35x30
30x35 35x25 35x35
30x40 35x35 40x30 35x45 40x35
3,300
4,700
35x45
6,800
22x25
22x35 25x25 25x40 30x30 35x25 30x40 35x30 35x35 35x50
22x45 25x35 30x25 25x45 30x35 35x30 30x45 35x35 35x45
35x40
10,000
22x35 25x25 25x25 25x35 30x30 35x25 30x35 35x30 35x35 35x40 35x45
35x50 40x40
15,000
22,000 33,000 39,000 47,000
25x35 30x35 35x30 35x35
Convert to inches, divide by 25.4.
DxL(mm)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
LMU
+ 105C Long Life Snap-Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum RMS Maximum Ripple Current ESR (A) m 120Hz,+20C 120Hz,+105C
Dimensions DxL (mm)
Capacitance WVDC (F)
PART NUMBER
Maximum Maximum RMS ESR Ripple Current m (A) 120Hz,+20C 120Hz,+105C
Dimensions DxL (mm)
47 68 68 68 68 100 100 100 100 100 100 100 100 100 100 100 150 150 150 150 150 150 150 150 150 150 220 220 220 220 220 220 220 220 220 220 220 220 220 220 330
450 476LMU450M2BC 7054.740 350 686LMU350M2BC 4876.071 400 686LMU400M2BC 3657.053 450 686LMU450M2BD 4876.071 450 686LMU450M2CC 4876.071 200 107LMU200M2BA 1657.864 350 107LMU350M2BD 3315.728 350 107LMU350M2CC 3315.728 400 107LMU400M2BD 2486.796 400 107LMU400M2BE 3315.728 400 107LMU400M2CC 2486.796 400 107LMU400M2CD 3315.728 400 107LMU400M2DC 3315.728 450 107LMU450M2BF 3315.728 450 107LMU450M2CD 3315.728 450 107LMU450M2DC 3315.728 250 157LMU250M2BC 1105.243 350 157LMU350M2BE 1657.864 350 157LMU350M2CD 1657.864 350 157LMU350M2DC 1657.864 400 157LMU400M2BF 1657.864 400 157LMU400M2CE 1657.864 400 157LMU400M2DC 1657.864 450 157LMU450M2CF 1657.864 450 157LMU450M2DD 1657.864 450 157LMU450M2EC 1657.864 200 227LMU200M2BC 250 227LMU250M2BD 250 227LMU250M2CC 753.575 753.575 753.575
0.32 0.34 0.51 0.42 0.42 0.45 0.44 0.44 0.64 0.52 0.67 0.52 0.54 0.58 0.55 0.57 0.7 0.66 0.83 0.83 0.82 0.84 0.84 0.75 0.74 0.75 0.82 0.9 0.9 1.05 1.04 0.78 1.04 1.07 1.06 1.08 1.01 1.02 0.98 0.98 1
22x25 22x25 22x25 22x30 25x25 22x20 22x30 25x25 22x30 22x35 25x25 25x30 30x25 22x40 25x30 30x25 22x25 22x35 25x30 30x25 22x40 25x35 30x25 25x40 30x30 35x25 22x25 22x30 25x25 22x50 25x40 30x30 35x25 25x45 30x35 35x30 25x50 30x40 35x30 40x25 22x25
330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 470 470 470 470 470 470 470 470 470 470 470 470 470 470 470 470 470 560 560 560 560 560 560 560
200 337LMU200M2CC 250 337LMU250M2BE 250 337LMU250M2BF 250 337LMU250M2CD 250 337LMU250M2DC 350 337LMU350M2CH 350 337LMU350M2DF 350 337LMU350M2ED
502.383 753.575 502.383 753.575 502.383 753.575 753.575 753.575
1.1 1.19 1.2 1.2 1.2 1.23 1.34 1.33 1.11 1.12 1.39 1.35 1.28 1.21 1.37 1.35 1.37 1.3 1.3 1.4 1.4 1.47 1.5 1.66 1.4 1.4 1.86 1.4 1.69 1.41 1.74 1.67 1.76 1.71 1.75 1.68 1.67 1.85 1.85 1.78 1.9
25x25 22x35 22x40 25x30 30x25 25x50 30x40 35x30 35x35 40x30 30x45 35x35 35x40 40x30 30x50 35x40 40x35 22x35 25x25 22x40 25x30 25x35 30x25 22x50 25x40 30x30 30x35 35x25 35x40 40x35 35x45 35x50 35x50 40x40 22x45 25x35 25x40 25x45 30x35 35x25 35x45
350 337LMU350M2EE 1004.766 350 337LMU350M2FD 1004.766 400 337LMU400M2DG 400 337LMU400M2EE 400 337LMU400M2EF 753.575 753.575 1004.766
400 337LMU400M2FD 1004.766 450 337LMU450M2DH 1004.766 450 337LMU450M2EF 450 337LMU450M2FE 160 477LMU160M2BE 160 477LMU160M2CC 200 477LMU200M2BF 200 477LMU200M2CD 200 477LMU200M2CE 200 477LMU200M2DC 250 477LMU250M2BH 250 477LMU250M2CF 250 477LMU250M2DD 250 477LMU250M2DE 250 477LMU250M2EC 350 477LMU350M2EF 350 477LMU350M2FE 400 477LMU400M2EG 400 477LMU400M2EH 450 477LMU450M2EH 450 477LMU450M2FF 200 567LMU200M2BG 200 567LMU200M2CE 200 567LMU200M2CF 250 567LMU250M2CG 250 567LMU250M2DE 250 567LMU250M2EC 350 567LMU350M2EG 1004.766 1004.766 352.737 352.737 352.737 352.737 352.737 529.106 529.106 352.737 352.737 352.737 352.737 529.106 705.474 529.106 705.474 705.474 705.474 444.071 444.071 296.047 444.071 444.071 444.071 444.071
350 227LMU350M2BH 1130.362 350 227LMU350M2CF 1130.362 350 227LMU350M2DD 1507.149 350 227LMU350M2EC 1130.362 400 227LMU400M2CG 1130.362 400 227LMU400M2DE 1130.362 400 227LMU400M2ED 1130.362 450 227LMU450M2CH 1507.149 450 227LMU450M2DF 1507.149 450 227LMU450M2ED 1507.149 450 227LMU450M2FC 1507.149 160 337LMU160M2BC 502.383
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
LMU
+ 105C Long Life Snap-Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum Maximum RMS ESR Ripple Current m (A) 120Hz,+20C 120Hz,+105C
Dimensions DxL (mm)
Capacitance WVDC (F)
PART NUMBER
Maximum ESR m 120Hz,+20C
Maximum RMS Ripple Current (A) 120Hz,+105C
Dimensions DxL (mm)
560 680 680 680 680 680 680 680 680 680 680 680 680 820 820 820 820 820 820 820 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1200 1200 1200 1200 1200 1500 1500 1500
400 567LMU400M2EH 100 687LMU100M2CC 160 687LMU160M2CE 160 687LMU160M2DC 200 687LMU200M2BH 200 687LMU200M2CF 200 687LMU200M2DD 200 687LMU200M2DE 250 687LMU250M2CH 250 687LMU250M2DE 250 687LMU250M2DF 250 687LMU250M2DG 250 687LMU250M2ED 200 827LMU200M2CG 200 827LMU200M2DE 200 827LMU200M2DF 200 827LMU200M2ED 250 827LMU250M2DG 250 827LMU250M2EE 250 827LMU250M2EF 80 80 108LMU080M2BD 108LMU080M2CC
444.071 365.705 243.804 243.804 365.705 243.804 365.705 243.804 365.705 365.705 243.804 243.804 365.705 303.268 303.268 202.179 303.268 303.268 303.268 202.179 248.680 248.680 248.680 248.680 248.680 165.786 165.786 165.786 248.680 248.680 165.786 165.786 165.786 165.786 207.233 138.155 207.233 138.155 207.233 165.786 165.786 165.786
2.36 0.95 1.7 1.7 2.02 1.7 1.94 1.88 2.14 2.04 1.9 2.25 2.1 2.27 2.26 2.08 2.33 2.49 2.45 2.33 1.26 1.21 1.76 1.71 1.65 2.1 2.1 2.1 2.63 2.64 2.35 2.28 2.3 2.48 3.04 2.65 3 2.58 3.29 1.4 1.5 2.05
35x50 25x25 25x35 30x25 22x50 25x40 30x30 30x35 25x50 30x35 30x40 30x45 35x30 25x45 30x35 30x40 35x30 30x45 35x35 35x40 22x30 25x25 22x40 25x30 30x25 25x45 30x35 35x30 25x50 30x40 30x45 35x35 35x40 35x45 30x45 30x50 35x35 35x45 35x45 25x25 30x25 35x25
1500 1500 1500 1500 1800 2200 2200 2200 2200 2200 2200 2200 2200 2200 2200 3300 3300 3300 3300 3300 3300 3300 3300 3300 3300 4700 4700 4700 4700 4700 4700 4700 4700 4700 4700 6800 6800 6800 6800 6800 6800 6800
160 158LMU160M2EE 200 158LMU200M2EG 200 158LMU200M2EH 250 158LMU250M2EH 200 188LMU200M2EH 50 50 63 63 80 80 228LMU050M2BD 228LMU050M2CC 228LMU063M2CD 228LMU063M2DC 228LMU080M2DE 228LMU080M2EC
110.524 110.524 110.524 165.786 92.104 150.715 150.715 113.036 113.036 113.036 113.036 113.036 113.036 113.036 75.357 125.596 125.596 125.596 125.596 125.596 100.477 100.477 100.477 100.477 100.477 105.821 88.184 88.184 88.184 88.184 88.184 88.184 70.547 70.547 70.547 73.141 73.141 73.141 60.951 60.951 60.951 60.951
2.84 2.8 3.18 3.68 3.3 1.4 1.35 1.76 1.7 2.1 2.03 2.85 2.78 2.7 3.6 1.55 1.5 2.11 2.06 2 2.22 2.15 2.58 2.98 2.9 1.6 1.88 1.83 2.5 2.45 2.39 2.32 2.94 2.87 3.38 1.56 2.14 2.09 2.53 2.48 2.42 3.26
35x35 35x45 35x50 35x50 35x50 22x30 25x25 25x30 30x25 30x35 35x25 30x40 35x35 40x30 35x50 22x30 25x25 22x35 25x30 30x25 30x30 35x25 35x35 35x45 40x35 22x30 22x35 25x25 22x50 25x40 30x30 35x25 30x40 35x30 35x45 22x25 22x35 25x25 22x45 25x35 30x25 30x40
100 228LMU100M2DF 100 228LMU100M2EE 100 228LMU100M2FD 180 228LMU180M2EH 35 35 50 50 50 63 63 80 338LMU035M2BD 338LMU035M2CC 338LMU050M2BE 338LMU050M2CD 338LMU050M2DC 338LMU063M2DD 338LMU063M2EC 338LMU080M2EE
100 108LMU100M2BF 100 108LMU100M2CD 100 108LMU100M2DC 160 108LMU160M2CG 160 108LMU160M2DE 160 108LMU160M2ED 200 108LMU200M2CH 200 108LMU200M2DF 200 108LMU200M2DG 200 108LMU200M2EE 250 108LMU250M2EF 250 108LMU250M2EG 200 128LMU200M2DG 200 128LMU200M2DH 200 128LMU200M2EE 200 128LMU200M2EG 250 128LMU250M2EG 63 80 158LMU063M2CC 158LMU080M2DC
100 338LMU100M2EG 100 338LMU100M2FE 25 35 35 50 50 50 50 63 63 80 16 25 25 35 35 35 50 478LMU025M2BD 478LMU035M2BE 478LMU035M2CC 478LMU050M2BH 478LMU050M2CF 478LMU050M2DD 478LMU050M2EC 478LMU063M2DF 478LMU063M2ED 478LMU080M2EG 688LMU016M2BC 688LMU025M2BE 688LMU025M2CC 688LMU035M2BG 688LMU035M2CE 688LMU035M2DC 688LMU050M2DF
100 158LMU100M2EC
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
LMU
+ 105C Long Life Snap-Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum Maximum RMS ESR Ripple Current m (A) 120Hz,+20C 120Hz,+105C
Dimensions DxL (mm)
Capacitance WVDC (F)
PART NUMBER
Maximum Maximum RMS ESR Ripple Current m (A) 120Hz,+20C 120Hz,+105C
Dimensions DxL (mm)
6800 6800 6800 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 15000 15000
50 50 63 16 16 25 25 25 35 35 35 50 50 50 63 63 10 16
688LMU050M2ED 688LMU050M2FC 688LMU063M2EF 109LMU016M2BE 109LMU016M2CC 109LMU025M2CF 109LMU025M2DD 109LMU025M2EC 109LMU035M2CG 109LMU035M2DE 109LMU035M2ED 109LMU050M2DH 109LMU050M2EF 109LMU050M2FE 109LMU063M2EH 109LMU063M2FF 159LMU010M2CC 159LMU016M2CE
60.951 60.951 60.951 116.050 116.050 66.315 66.315 66.315 58.025 58.025 58.025 49.736 49.736 49.736 49.736 49.736 77.367 77.367
3.19 2.78 3.68 2.19 1.94 2.83 2.72 2.65 3.4 3.34 3.27 4.05 3.98 3.9 4.48 4.4 1.92 2.8
35x30 40x25 35x40 22x35 25x25 25x40 30x30 35x25 25x45 30x35 35x30 30x50 35x40 40x35 35x50 40x40 25x25 25x35
15000 15000 15000 15000 15000 15000 22000 22000 22000 22000 22000 33000 33000 33000 39000 39000 47000 47000
16 16 25 25 35 35 10 16 16 25 35 10 16 25 10 16 10 16
159LMU016M2DD 159LMU016M2EC 159LMU025M2DF 159LMU025M2ED 159LMU035M2DG 159LMU035M2EE 229LMU010M2CE 229LMU016M2DE 229LMU016M2ED 229LMU025M2EE 229LMU035M2EG 339LMU010M2DE 339LMU016M2EE 339LMU025M2EH 399LMU010M2ED 399LMU016M2EF 479LMU010M2EE 479LMU016M2EG
77.367 77.367 44.210 44.210 38.683 38.683 52.750 52.750 52.750 30.143 26.375 35.167 35.167 20.095 29.757 29.757 24.692 24.692
2.8 2.67 3.13 3.06 4 3.93 2.46 3.48 3.35 4.07 5.12 3.05 4.06 4.78 3.09 4.08 3.51 4.45
30x30 35x25 30x40 35x30 30x45 35x35 25x35 30x35 35x30 35x35 35x45 30x35 35x35 35x50 35x30 35x40 35x35 35x45
Cathode
D1
D
P.C. Mounting Specifications 10.0 0.1
10 .0
D1=D+1.0 mm Max. L1=L + 2.0 mm Max. S1=10 .1mm
S1
Case Vent Insulator P.V.C. Sleeve
L1 L
2.0 0.1
4.01.0
3 and 4 pin mounting styles available on special order. Contact I.C. for details
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com


▲Up To Search▲   

 
Price & Availability of 338LMU035M2BD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X