Part Number Hot Search : 
PLL40 CGRA154 1060C XP6111 JF01PF 2EZ180D5 PLL40 CX6122
Product Description
Full Text Search
 

To Download 30SMCJ70A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
3.0SMCJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
FEATURES
* For surface mounted applications in order to optimize board space * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition rate (duty cycle):0.01% * Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types * Typical IR less than 1A above 10V * High temperature soldering: 250C/10 seconds at terminals * Plastic package has Underwriters Laboratory Flammability Classification 94 V-O
MECHANICAL DATA
Case: JEDEC DO214AB. Molded plastic over glass passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bidirectional Standard Packaging: 16mm tape (EIA STD RS-481) Weight: 0.007 ounces, 0.021 grams)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 3.0SMCJ5.0 thru types 3.0SMCJ170 (e.g. 3.0SMCJ5.0C, 3.0SMCJ170CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1, 2, Fig.1) Peak Pulse Current of on 10/1000 s waveform (Note 1,Fig 3) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note2, 3) Operatings and Storage Temperature Range NOTES:
SYMBOL PPPM
IPPM
VALUE
Minimum 3000 SEE TABLE 1 300 -55 +150
UNITS
Watts Amps Amps C
IFSM
TJ, TSTG
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES 3.0SMCJ SERIES
Fig. 1 - Peak Pulse Power Rating Curve
100
100
Fig.2 - Pulse Derating Curve
Peak Pulse Power (P ) PP or Current (IPP) Derating in Percentage,%
87.5 75 62.5 50 37.5 25 12.5 0
PPPM-Peak Pulse Power (kW)
Non-repetitive pulse waveform shown in Fig.3 TA = 25C
10
1
0.1 0.1s
0
25
50
75
100
125
150
175
200
1.0s
10s
100s
1.0ms
10ms
td - Pulse Width (sec.)
TA - Ambient Temperature (C)
IPPM - Peak Pulse Current,% IRSM
150
Fig.3 - Pulse Waveform
tr = 10sec.
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
10000
10000
Fig. 4 - Typical Junction Capacitance
Unidirectional Bidirectional VR = 0
100
1000
CJ - Capacitance (pF)
Peak Value IPPM Half Value- IPPM 2
1000
50
10/1000sec.Waveform as defined by R.E.A.
100
100
VR = Rated Stand-off f = 1MHz Vsig = 50mV p-p TJ
25C
td
0 0 1.0 2.03.0 3.0
10
4.0
1
10 5
10
4.0
t - Time(ms)
VWM - Reverse Stand-Off Voltage (V)
10
100
500
1000
Fig. 5 - Steady State Power Derating Curve
8.0 7.0 60Hz Resistive or Inductive Load
250 300
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
8.3ms Single Half Sine-Wave (JEDEC Method)TJ=TJ max.
PM(AV),Steady State Power Dissipation (W)
6.0 5.0 4.0 3.0 2.0 1.0
0
0
25
50
75
100
125
150
175
200
IFSM-Peak Forward Surge Current (A)
200
150
100 1 10 100
TL - Lead Temperature (C)
Number of Cycles at 60 Hz
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
3000 Watt Surface Mount TVS
UNI-POLAR BI-POLAR DEVICE MARKING CODE UNI 3.0SMCJ5.0A 3.0SMCJ6.0A 3.0SMCJ6.5A 3.0SMCJ7.0A 3.0SMCJ7.5A 3.0SMCJ8.0A 3.0SMCJ8.5A 3.0SMCJ9.0A 3.0SMCJ10A 3.0SMCJ11A 3.0SMCJ12A 3.0SMCJ13A 3.0SMCJ14A 3.0SMCJ15A 3.0SMCJ16A 3.0SMCJ17A 3.0SMCJ18A 3.0SMCJ20A 3.0SMCJ22A 3.0SMCJ24A 3.0SMCJ26A 3.0SMCJ28A 3.0SMCJ30A 3.0SMCJ33A 3.0SMCJ36A 3.0SMCJ5.0CA 3.0SMCJ6.0CA 3.0SMCJ6.5CA 3.0SMCJ7.0CA 3.0SMCJ7.5CA 3.0SMCJ8.0CA 3.0SMCJ8.5CA 3.0SMCJ9.0CA 3.0SMCJ10CA 3.0SMCJ11CA 3.0SMCJ12CA 3.0SMCJ13CA 3.0SMCJ14CA 3.0SMCJ15CA 3.0SMCJ16CA 3.0SMCJ17CA 3.0SMCJ18CA 3.0SMCJ20CA 3.0SMCJ22CA 3.0SMCJ24CA 3.0SMCJ26CA 3.0SMCJ28CA 3.0SMCJ30CA 3.0SMCJ33CA 3.0SMCJ36CA RDE RDG RDK PDM PDP PDR PDT PDV PDX PDZ PEE PEG PEK PEM PEP PER PET PEV PEX PEZ PFE PFG PFK PFM PFP BI DDE DDG DDK DDM DDP DDR DDT DDV DDX DDZ DEE DEG DEK DEM DEP DER DET DEV DEX DEZ DFE DFG DFK DFM DFP REVERSE BREAKDOWN BREAKDOWN MAXIMUM TEST VOLTAGE CURRENT CLAMPING VOLTAGE STANDOFF VBR (V) VBR (V) VOLTAGE VOLTAGE (IT ) VRWM (V) @IPP VC (V) MIN. @ IT MAX. @ IT mA 5.00 6.00 6.50 7.00 7.50 8.00 8.50 9.00 10.00 11.00 12.00 13.00 14.00 15.00 16.00 17.00 18.00 20.00 22.00 24.00 26.00 28.00 30.00 33.00 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 PEAK PULSE CURRENT IPP (A) 326.1 291.3 267.9 250.0 232.6 220.6 208.3 194.8 176.5 164.8 150.8 139.5 129.3 123.0 115.4 108.7 102.7 92.6 84.5 77.1 71.3 66.1 62.0 56.3 51.6 46.5 43.2 41.3 38.8 36.4 34.4 32.1 31.0 29.1 26.5 24.8 23.8 21.9 20.5 18.5 16.9 15.5 14.4 12.3 11.6 10.9 REVERSE LEAKAGE @ VRWM IR (A) 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
36.00 40.00 3.0SMCJ40A 3.0SMCJ40CA PFR DFR 40.00 44.40 3.0SMCJ43A 3.0SMCJ43CA PFT DFT 43.00 47.80 3.0SMCJ45A 3.0SMCJ45CA PFV DFV 45.00 50.00 3.0SMCJ48A 3.0SMCJ48CA PFX DFX 48.00 53.30 3.0SMCJ51A 3.0SMCJ51CA PFZ DFZ 51.00 56.70 3.0SMCJ54A 3.0SMCJ54CA PGE DGE 54.00 60.00 3.0SMCJ58A 3.0SMCJ58CA PGG DGG 58.00 64.40 3.0SMCJ60A 3.0SMCJ60CA PGK DGK 60.00 66.70 3.0SMCJ64A 3.0SMCJ64CA PGM DGM 64.00 71.10 3.0SMCJ70A 3.0SMCJ70CA PGP DGP 70.00 77.80 3.0SMCJ75A 3.0SMCJ75CA PGR DGR 75.00 83.30 3.0SMCJ78A 3.0SMCJ78CA PGT DGT 78.00 86.70 3.0SMCJ85A 3.0SMCJ85CA PGV DGV 85.00 94.40 3.0SMCJ90A 3.0SMCJ90CA PGX DGX 90.00 100.00 3.0SMCJ100A 3.0SMCJ100CA PGZ DGZ 100.00 111.00 3.0SMCJ110A 3.0SMCJ110CA PHE DHE 110.00 122.00 3.0SMCJ120A 3.0SMCJ120CA PHG DHG 120.00 133.00 3.0SMCJ130A 3.0SMCJ130CA PHK DHK 130.00 144.00 3.0SMCJ150A 3.0SMCJ150CA PHM DHM 150.00 167.00 3.0SMCJ160A 3.0SMCJ160CA PHP DHP 160.00 178.00 3.0SMCJ170A 3.0SMCJ170CA PHR DHR 170.00 189.00 For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of 30SMCJ70A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X