Part Number Hot Search : 
2NI136B AKD43 BD241 FN2766 CGGP2N CAT511 1N4108 A986A
Product Description
Full Text Search
 

To Download 2SK3113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK3113
IC MOSFET
Features
Low on-state resistance RDS(on) = 4.4 MAX. (VGS = 10 V, ID = 1.0 A)
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
Low gate charge
+0.15 5.55-0.15
+0.2 9.70-0.2
+0.1 0.80-0.1
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50-0.1
+0.25 2.65-0.1
Avalanche capability ratings
+0.15 0.50-0.15
Gate voltage rating
30 V
0.127 max
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TC=25 TA=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 600 30 2.0 8.0 20 1.0 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cut off voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS VGS(off) Yfs RDS(on) Ciss Coss Crss ton tr toff tf ID=1.0A,VGS(on)=10V,VDD=150V,RG=10 ,RL=10 VDS=10V,VGS=0,f=1MHZ Testconditons VDS=600V,VGS=0 VGS= 30V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=1.0A VGS=10V,ID=1.0A 2.5 0.5 3.3 260 60 5 7 2 22 9 4.4 pF pF pF ns ns ns ns Min Typ Max 100 10 3.5 Unit A A V S
3.80
QG = 9 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 2.0 A)
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK3113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X