Part Number Hot Search : 
AC03DSM 09016 PE8706 324004P CY2210 1502B N4002 40331
Product Description
Full Text Search
 

To Download 2SJ530S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Hight Speed Power Switching 2SJ530S
IC MOSFET
Features
Low on-resistance RDS(on) = 0.08 typ.
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
High speed switching
+0.2 9.70-0.2
4V gate drive devices.
+0.1 0.80-0.1
+0.15 0.50-0.15
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
1 Gate 2 Drain 3 Source
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current (DC) Drain current(pulse) * Power dissipation Channel temperature Storage temperature * PW 10 s, duty cycle 1% Symbol VDSS VGSS ID ID PD Tch Tstg Rating -60 20 -15 -60 30 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Gate to source breakdown voltage Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol VDSS VGSS IDSS IGSS Testconditons ID=-10mA,VGS=0 IG= 100 A ,VDS=0 Min -60 20 -10 10 -1.0 6.5 11 0.08 0.11 850 VDS=-10V,VGS=0,f=1MHZ 420 110 12 VGS(on)=-10V,ID=--8A ,RL=3.75 75 125 75 0.10 0.16 pF pF pF ns ns ns ns -2.0 Typ Max Unit V V A A V S
VDS=-60V,VGS=0 VGS= 16V,VDS=0
VGS(off) VDS=-10V,ID=-1mA Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf VDS=-10V,ID=-8A VGS=-10V,ID=-8A VGS=-4.0V,ID=-8A
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SJ530S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X