Part Number Hot Search : 
30C01SS 10200 87C1202 212EH DM851 OPB850A PPL2060 SML4762
Product Description
Full Text Search
 

To Download 2SJ166 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Fied Effect Transistor 2SJ166
SOT-23
MOSFET
Unit: mm
Directly driven by Ics having a 5V poer supply.
+0.1 2.4-0.1
Not necessary to consider dreving current because of its high input impedance. Possible to reduce the number of parts by omitting the bias resistor.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
Features
+0.1 2.9-0.1 +0.1 0.4-0.1
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 1 GATE 2.Emitter 2 SOURCE 3.collector 3 DRAIN
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage VGS=0 Gate to source voltage Drain current (DC) Drain current(pulse) * Total power dissipation Channel temperature Storage temperature * PW 10 ms; d 50%. VDS=0 Symbol VDSS VGSS ID ID PT Tch Tstg Rating -50 7.0 100 200 200 150 -55 to +150 Unit V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate cut-off voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS Testconditons VDS=-50V,VGS=0 VGS= 7.0V,VDS=0 A -1.0 30 -2.1 50 18 18 VDS=-5.0V,VGS=0,f=1Mhz 11 3 40 VGS(on)=-5.0V,RG=10 20mA RL=250 ,VDD=-5.0V,ID=58 62 62 50 pF pF pF ns ns ns ns Min Typ Max -10 1.0 -3.0 Unit A A V ms
VGS(off) VDS=-5.0V,ID=-1.0 Yfs
VDS=-5.0V,ID=-20mA
RDS(on) VGS=-4.0V,ID=-20mA Ciss Coss Crss td(on) tr td(off) tf
Marking
Marking H11
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SJ166

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X