Part Number Hot Search : 
M54123L AD100 P4SMA36A HPR1016 D87C51 20400 B90N6T 74HC14DB
Product Description
Full Text Search
 

To Download 2SD2457 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Epitaxial Planar Type 2SD2457
Transistors
Features
High collector-emitter voltage (Base open) VCEO. Low collector power dissipation PC. Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 50 40 5 3 1.5 1 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-base cutoff current Collector-emitter cutoff current Emitter-base cutoff current Collector-base voltage Collector-emitter voltage Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Symbol ICBO ICEO IEBO VCBO VCEO hFE Testconditons VCB = 20 V, IE = 0 VCE = 10 V, IB = 0 VEB = 5 V, IC = 0 IC = 1 mA, IE = 0 IC = 2 mA, IB = 0 VCE = 5 V, IC = 1 A 50 40 80 120 220 1 1.5 150 45 V V MHz pF Min Typ Max 1 100 10 Unit iA iA iA V V
VCE(sat) IC = 1.5 A, IB = 0.15 A VBE(sat) IC = 2 A, IB = 0.2 A fT Cob VCB = 5 V, IE = -0.5 A, f = 200 MHz VCB = 20 V, IE = 0, f = 1 MHz
hFE Classification
Marking Rank hFE Q 80 160 1Y R 120 220
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD2457

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X