Part Number Hot Search : 
LD3500 BYG80J 227M00 MC134M 1N522 1N4735 CER6080 18ABD
Product Description
Full Text Search
 

To Download 2SD1618 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
PNP Epitaxial Planar Silicon Transistors 2SD1618
Features
Low collector-to-emitter saturation voltage. Very small size making it easy to provide highdensity,
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Jumction temperature Storage temperature * Mounted on ceramic board (250mm2X0.8mm) Symbol VCBO VCEO VEBO IC ICP PC PC * Tj Tstg Rating 20 15 5 0.7 1.5 500 1.3 150 -55 to +150 Unit V V V A A mW W
www.kexin.com.cn
1
SMD Type
2SD1618
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Collector-emitter saturation voltage Base-emitter saturation voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Output capacitance Symbol ICBO IEBO hFE fT VCE(sat) Testconditons VCB = 15V , IE = 0 VCB = 4V , IE = 0 VCE = 2V , IC = 50mA VCE = 2V , IC = 500mA VCE = 10V , IC = 50mA IC = 5mA , IB = 0.5mA IC = 100mA , IB = 10mA VBE(sat) IC = 100mA , IB = 10mA V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10iA , IC = 0 Cob VCB = 10V , f = 1MHz
Transistors
Min
Typ
Max 0.1 0.1
Unit iA iA
140 60 250 10 30 0.8 20 15 5 8
560
MHz 25 80 1.2 mV mV V V V V pF
hFE Classification
Marking Rank hFE S 140 280 DA T 200 400 U 280 560
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD1618

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X