Part Number Hot Search : 
10SB4M 22001 10SB4M H5PS1G83 XW130 240U80DR TRMPB SB860
Product Description
Full Text Search
 

To Download 2SD1459 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1459
DESCRIPTION *With TO-220 package *High allowable collector dissipation. *Complement to type 2SB1037 APPLICATIONS *Color TV vertical output application *Sound output application
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak CONDITIONS Open emitter Open base Open collector VALUE 150 150 5 1.5 3.0 2.0 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 175 -55~175 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1459
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-offcurrent Emitter cut-offcurrent DC current gain Transition frequency CONDITIONS IC=10mA ; IB=0 IC=0.5A, IB=50mA IC=0.5A, IB=50mA VCB=120V;IE=0 VEB=5V;IC=0 IC=0.3A ; VCE=5V IC=0.1A ; VCE=5V 70 8 MIN 150 1.5 1.2 10 10 200 MHz TYP MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT
hFE classifications Q 70-140 R 100-200
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1459
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1459
4


▲Up To Search▲   

 
Price & Availability of 2SD1459

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X