Part Number Hot Search : 
20100 MBR3510 250N06 MAX15010 SK321 B350B 1001C APT50M
Product Description
Full Text Search
 

To Download 2SD1456 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1456
DESCRIPTION With TO-3PN package High voltage,high speed Built-in damper diode APPLICATIONS For TV horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VEBO IC PC Tj Tstg PARAMETER

CHA IN
Collector-base voltage Emitter-base voltage
E SEM NG
TC=25ae
OND IC
CONDITIONS
TOR UC
VALUE 1500 6 6 50 150 -45~150 ae ae UNIT V V A W
Open emitter
Open collector
Collector current (DC) Collector power dissipation
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain Diode forward voltage CONDITIONS IE=200mA; IC=0 IC=5A; IB=1A IC=5A; IB=1A VCB=1500V; IE=0 IC=1A ; VCE=5V IF=6A 6 MIN 6
2SD1456
SYMBOL V(BR)EBO VCEsat VBEsat ICBO hFE VF
TYP.
MAX
UNIT V
5.0 1.5 0.5
V V mA
2.2
V

CHA IN
E SEM NG
OND IC
TOR UC
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1456

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1456

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X