Part Number Hot Search : 
10M000 UBA2213 LS404 SN3AS EM400X ELECTRON SMB10A KTC43
Product Description
Full Text Search
 

To Download 2SD1454 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1454
DESCRIPTION *With TO-3PN package *High voltage,high speed *Built-in damper diode APPLICATIONS *For TV horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Emitter-base voltage Collector current (DC) Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open collector VALUE 1500 6 4 50 150 -45~150 UNIT V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain Diode forward voltage CONDITIONS IE=200mA; IC=0 IC=3.5A; IB=1A IC=3.5A; IB=1A VCB=1500V; IE=0 IC=1A ; VCE=5V IF=4A 6 MIN 6
2SD1454
SYMBOL V(BR)EBO VCEsat VBEsat ICBO hFE VF
TYP.
MAX
UNIT V
5.0 1.5 0.5
V V mA
2.2
V
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1454
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1454

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X