Part Number Hot Search : 
HCS132MS 2SK1104 22360 H08A05 LD1010D F71889A NTE181 GI7824A
Product Description
Full Text Search
 

To Download 2SD1212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220 package *Low collector saturation voltage *Large current capacity. *Complement to type 2SB903 APPLICATIONS *Suitable for relay drivers, high-speed inverters,converters, and other general large current switching applications. *High-speed switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SD1212
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak CONDITIONS Open emitter Open base Open collector VALUE 60 30 6 12 20 1.75 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 35 150 -55~150 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-offcurrent Emitter cut-offcurrent DC current gain DC current gain Transition frequency CONDITIONS IC=1mA ; IE=0 IC=1mA ;RBE=; IE=1mA ; IC=0 IC=5A, IB=0.25A VCB=40V;IE=0 VEB=4V;IC=0 IC=1A ; VCE=2V IC=6A ; VCE=2V IC=1A ; VCE=5V 70 30 120 MIN 60 30 6 TYP
2SD1212
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT
MAX
UNIT V V V
0.4 0.1 0.1 280
V mA mA
MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=5A ;IB1=0.5A IB2=-0.5A; 0.20 0.50 0.03 s s s
hFE-1 classifications Q 70-140 R 100-200 S 140-280
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1212
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1212
4


▲Up To Search▲   

 
Price & Availability of 2SD1212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X