Part Number Hot Search : 
SC101 EMICO RT2512 MC78L15F LTM4601A EMICO BR101 16FR10M
Product Description
Full Text Search
 

To Download 2SD1138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1138
DESCRIPTION *With TO-220C package *Complement to type 2SB861 APPLICATIONS *Low frequency high voltage power amplifier TV vertical deflection output
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 150 -45~150 CONDITIONS Open emitter Open base Open collector VALUE 200 150 6 2 5 1.8 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown votage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current DC current gain DC current gain Output capacitance CONDITIONS IC=50mA; RBE=9 IE=5mA; IC=0 IC=0.5 A;IB=50m A IC=50mA ; VCE=4V VCB=120V; IE=0 IC=50mA ; VCE=4V IC=0.5A ; VCE=10V IE=0 ;VCB=100V,f=1MHz 60 60 MIN 150 6
2SD1138
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE ICBO hFE-1 hFE-2 COB
TYP.
MAX
UNIT V V
3.0 1.0 1 320
V V A
20
pF
hFE-1 classifications B 60-120 C 100-200 D 160-320
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1138
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1138
4


▲Up To Search▲   

 
Price & Availability of 2SD1138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X