Part Number Hot Search : 
TMP87P HEF40 K1536BDC BD234G M8050 6N7002 ICL3241E PE4352
Product Description
Full Text Search
 

To Download 2SD1046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors *
DESCRIPTION *With TO-3PN package *Complement to type 2SB816 *Wide area of safe operation APPLICATIONS *For LF power amplifier, 50W output large power switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SD1046
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current -peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 150 120 6 8 12 80 150 -40~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=50mA ;RBE=; IC=5mA ;IE=0 IE=5mA ;IC=0 IC=5A ;IB=0.5A IC=1A;VCE=5V VCB=80V IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=5V f=1MHz;VCB=10V 60 20 MIN 120 150 6 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
2SD1046
TYP.
MAX
UNIT V V V
1.0
2.0 1.5 0.1 0.1 200
V V mA mA
15 160
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time IC=1.0A; IB1=-IB2=0.1A VCC=20V;RL=20B 0.22 6.66 1.02 s s s
hFE-1 Classifications
D 60-120
E 100-200
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1046
Fig.2 outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1046
4


▲Up To Search▲   

 
Price & Availability of 2SD1046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X