Part Number Hot Search : 
KBPC3504 74AHCT1 015020 X1692 MJ21195G RN1971FE M62370GP KA75270
Product Description
Full Text Search
 

To Download 2SC5198 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC5198
DESCRIPTION *Low Collector Saturation Voltage: VCE(sat)= 2.0V(Min) @IC= 7A *Good Linearity of hFE *Complement to Type 2SA1941 APPLICATIONS *Power amplifier applications *Recommend for 70W high fidelity audio frequency amplifier output stage applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
w w
scs .i w
140 V 140 V 5 V 10 A 1 A 100 W 150
.cn mi e
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
PC
TJ
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC5198
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA ; IB= 0
140
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7A; IB= 0.7A
B
2.0
V
VBE(on)
Base-Emitter On Voltage
IC= 5A ; VCE= 5V
1.5
V
ICBO
Collector Cutoff Current
VCB= 140V ; IE=0
5
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
5
A
hFE-1
DC Current Gain
IC= 1A ; VCE= 5V
hFE-2
DC Current Gain
COB
Output Capacitance
fT
Current-Gain--Bandwidth Product
hFE-1 Classifications R55 55-65 R65 65-75
w w
R75 75-85 O115 115125
scs .i w
R85 85-95
IC= 5A ; VCE= 5V
IE=0 ; VCB= 10V;ftest= 1.0MHz
.cn mi e
55 35
160
170
pF
IC= 1A ; VCE= 5V
30
MHz
O95 95-105
O105 105-115
O125 125-135
O135 135-145
O145 145-155
O155 155-160
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC5198
w w
scs .i w
.cn mi e
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SC5198

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X