Part Number Hot Search : 
VTD205K 10101 TCR2EF18 AP439PA FX1200 SQD83N42 PCIMX AP439PA
Product Description
Full Text Search
 

To Download 2SC4923 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PML package *High speed *High reliability *High breakdown voltage APPLICATIONS *High-definition CRT display horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SC4923
Fig.1 simplified outline (TO-3PML) and symbol
Absolute maximum ratings(Ta=)
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 8 25 3 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 70 150 -55~150 W UNIT V V V A A
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4923
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) ICBO ICES IEBO hFE-1 hFE-2 VCE(sat) VBE(sat) tstg tf PARAMETER Collector-emitter sustaining voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Storage time Fall time CONDITIONS IC=100mA ;IB=0 VCE=800V; IE=0 VEB=1500V; RBE=0 VCE=4V; IC=0 IC=1A ; VCE=5V IC=6A ; VCE=5V IC=6A ; IB=1.5A IC=6A ; IB=1.5A IC=6A; IB1=1.2A;IB2=-2.4A IC=6A; IB1=1.2A;IB2=-2.4A 0.1 8 4 8 5 1.5 3 0.2 V V s s MIN 800 10 1.0 1.0 TYP. MAX UNIT V A mA mA
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4923
Fig.2 outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4923
4


▲Up To Search▲   

 
Price & Availability of 2SC4923

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X