Part Number Hot Search : 
K4T1G BAS21PT KDV251 30N45T GD25Q64 2103HVG 1E104 C472M
Product Description
Full Text Search
 

To Download 2SC4762 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4762
DESCRIPTION *With TO-3P(H)IS package *High voltage,high speed *Low saturation voltage *Bult-in damper diode APPLICATIONS *Horizontal deflection output for medium resolution display
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 7 14 3.5 50 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4762
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Collector output capacitance Diode forward voltage Transition frequency CONDITIONS IE=300mA ;IC=0 IC=5A; IB=1A IC=5A ;IB=1A VCB=1500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IE=0 ; VCB=10V,f=1MHz IF=5A IC=0.1A ; VCE=10V 1 83 8 5 170 1.25 3 1.8 12 9 pF V MHz MIN 5 5 1.5 1 250 TYP. MAX UNIT V V V mA mA SYMBOL V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob VF fT
Switching times resistive load ts tf Storage time Fall time 1.8 0.1 3.0 0.2 s s
ICP=5A;IB1=1A IB2=-2A; RL=39C
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4762
Fig.2 Outline dimensions (unindicated tolerance:0.20 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4762
4


▲Up To Search▲   

 
Price & Availability of 2SC4762

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X