Part Number Hot Search : 
472M10V G208M 1452A UL5100 6256A B66322 EDZ10B TC9134P
Product Description
Full Text Search
 

To Download 2SC4511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4511
DESCRIPTION *With TO-220F package *Complement to type 2SA1725 APPLICATIONS *Audio and general purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 120 80 6 6 3 30 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=25mA ; IB=0 IC=2A; IB=0.2A VCB=120V; IE=0 VEB=6V; IC=0 IC=2A ; VCE=4V IE=0; VCB=10V;f=1MHz IE=-0.5A ; VCE=12V 50 MIN 80 SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT
2SC4511
TYP.
MAX
UNIT V
0.5 10 10 180 110 20
V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=3.0A IB1=-IB2=0.3A VCC=30V ,RL=10A 0.16 2.60 0.34 s s s
hFE Classifications O 50-100 P 70-140 Y 90-180
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4511
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4511
4


▲Up To Search▲   

 
Price & Availability of 2SC4511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X