Part Number Hot Search : 
SA965460 25TTS08S TDA3740 C1454 N5235 1N3688B MHVIC910 B7758
Product Description
Full Text Search
 

To Download 2SC4445 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4445
DESCRIPTION *With TO-3PML package *High voltage. *High speed switching APPLICATIONS *For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Aabsolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 900 800 7 3 6 1.5 60 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4445
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=10mA; IB=0 IC=0.7A;IB=0.14A IC=0.7A;IB=0.14A VCB=800V; IE=0 VEB=7V; IC=0 IC=0.7A ; VCE=4V IE=-0.3A ; VCE=12V VCB=10V;f=1MHz 10 15 50 MIN 800 0.5 1.2 100 100 30 MHz pF TYP. MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
Switching times ton tstg tf Turn-on time Storage time Fall time IC=0.7A; RL=357A IB1=0.1A; IB2=-0.35A VCC=250V 0.7 4.0 0.7 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4445
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4445
4


▲Up To Search▲   

 
Price & Availability of 2SC4445

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X