Part Number Hot Search : 
SPU0312 8958B BR101 NJM2523M TPA130RL LPC1111 45L100 MA400A
Product Description
Full Text Search
 

To Download 2SC4252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4252
DESCRIPTION *High Current-Gain Bandwidth Product fT = 2.1 GHz TYP. *Low Output CapacitanceCOB = 1.1 pF TYP.
APPLICATIONS *Designed for TV tuner ,VHF oscillator applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
3
V
IC
Collector Current-Continuous
30
mA
IB
B
Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
15
mA
PC
0.1
W
TJ
125
Tstg
Storage Temperature Range
-55~125
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4252
TYP.
MAX
UNIT
ICBO
Collector Cutoff Current
VCB= 20V; IE= 0
0.1
A
IEBO
Emitter Cutoff Current
VEB= 3V; IC= 0
1.0
A
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 1mA ; IB= 0
12
V
hFE
DC Current Gain
IC= 5mA ; VCE= 10V
40
250
fT
Current-Gain--Bandwidth Product
IC= 5mA;VCE= 10V ; f= 500MHz
1.5
2.1
GHz
COB
Output Capacitance
IE= 0 ; VCB= 10V; f= 1MHz
1.1
1.4
pF
rbb' * CC
Base Time Constant
IC= 5mA ; VCB= 10V;f= 30MHz
4.3
10
ps
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4252
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4252
isc Websitewww.iscsemi.cn
4


▲Up To Search▲   

 
Price & Availability of 2SC4252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X