Part Number Hot Search : 
TA1819A BT4401 6FL60S02 CDRH6 UPD70F C3082 CEM2133 3AV2C
Product Description
Full Text Search
 

To Download 2SC3890 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3890
DESCRIPTION *With TO-220F package *High voltage *High speed switching APPLICATIONS *For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 500 400 10 7 14 2 30 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=25mA ; IB=0 IC=3A; IB=0.6A IC=3A ;IB=0.6A VCB=500V; IE=0 VEB=10V; IC=0 IC=3A ; VCE=4V IC=0.5A ; VCE=12V f=1MHz;VCB=10V 10 MIN 400
2SC3890
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
0.5 1.3 100 100 30 10 50
V V A A
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time IC=3.0A; IB1=0.3A;IB2=-0.6A VCC=200V ,RL=66@ 1.0 3.0 0.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3890
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3890
4


▲Up To Search▲   

 
Price & Availability of 2SC3890

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X