Part Number Hot Search : 
S8035K ADG2188 M32F10 IRF240 LTC34 8240116 98TK200 01QXA
Product Description
Full Text Search
 

To Download 2SC3794 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3794 2SC3794A
DESCRIPTION *With TO-220Fa package *High VCBO *High speed switching *Low collector saturation voltage APPLICATIONS *For high speed switching applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER 2SC3794 VCBO Collector-base voltage 2SC3794A VCEO VEBO IC ICM IB Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 Open base Open collector Open emitter 900 500 8 1.5 3.0 0.5 25 W V V A A A CONDITIONS VALUE 800 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage 2SC3794 2SC3794A CONDITIONS IC=0.2A , L=25mH IC=1A; IB=0.2A IC=1A; IB=0.2A VCB=800V; IE=0 SYMBOL VCEO(SUS) VCEsat VBEsat
2SC3794 2SC3794A
MIN 500
TYP.
MAX
UNIT V
1.0 1.5
V V
ICBO
Collector cut-off current
0.1 VCB=900V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=1A ; VCE=5V IC=0.2A ; VCE=10V 15 8 8 0.1
mA
IEBO hFE-1 hFE-2 fT
Emitter cut-off current DC current gain DC current gain Transition frequency
mA
MHz
Switching times 2SC3794 ton Turn-on time 2SC3794A ts Storage time 2SC3794 tf Fall time 2SC3794A 1.2 IC=1A; IB1=- IB2=0.2A VCC=200V 1.2 3.0 1.0 s s 1.0 s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3794 2SC3794A
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3794

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X