Part Number Hot Search : 
2SK31 0000T P6KE300C KRFR6215 TIP140T MJD31C 1N4733 SCR005
Product Description
Full Text Search
 

To Download 2SC3627 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3627
DESCRIPTION *With TO-220Fa package *High collector breakdown voltage APPLICATIONS *Switching regulator and high voltage switching applications *High speed DC-DC converter applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 250 200 7 10 15 2 2.0 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=10mA; IB=0 IC=1mA; IE=0 IC=5 A;IB=0.5 A IC=5 A;IB=0.5 A VCB=200V ;IE=0 VEB=7V ;IC=0 IC=10mA ; VCE=5V IC=5A ; VCE=5V 15 20 MIN 200 250
2SC3627
SYMBOL V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V V
1.0 1.5 100 1
V V A mA
80
Switching times tr ts tf Rise time Storage time Fall time VCC:150V,RL=25= IB1=-IB2=0.6 A 1.0 2.5 1.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3627
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3627

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X