Part Number Hot Search : 
24AA0 362611 MMSZ468 AV9155 AN8570SH OCXOWSTC FN3110 AV9155
Product Description
Full Text Search
 

To Download 2SC3086 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220C package *High breakdown voltage : VCBO=800V(Min) *Fast switching speed. *Wide area of safe operation APPLICATIONS *500V/3A switching regulator applications PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC3086
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector dissipation 1.75 Tj Tstg Junction temperature Storage temperature 150 -55~150 PW4300s, Duty Cycle410% CONDITIONS Open emitter Open base Open collector VALUE 800 500 7 3 6 1 40 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=1mA ; RBE=B IC=1mA ; IE=0 IE=1mA ; IC=0 IC=1.5A; IB=0.3A IC=1.5A; IB=0.3A VCB=500V ;IE=0 VEB=5V; IC=0 IC=0.3A ; VCE=5V IC=1.5A ; VCE=5V IC=0.3A ; VCE=10V f=10MHz ; VCB=10V 15 8 MIN 500 800 7 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 fT COB
2SC3086
TYP.
MAX
UNIT V V V
1.0 1.5 10 10 50
V V A A
18 40
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time VCC=200V; IC=2A IB1=0.4A;IB2=-0.4A; RL=100F 1.0 3.0 1.0 s s s
hFE-1 classifications L 15-30 M 20-40 N 30-50
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3086
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3086

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X