Part Number Hot Search : 
LWH1035N RF201 IFN5116 766022 TM12864 PJ3JJS BDW83C02 NT500
Product Description
Full Text Search
 

To Download 2SC3083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3083
DESCRIPTION *With TO-3PN package *High breakdown voltage (VCBO 500V) *Fast switching speed *Wide ASO Safe Operating Area APPLICATIONS *400V/6A switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 60 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 6 12 2 2.5 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=5mA ;RBE=< IC=1mA ;IE=0 IE=1mA ;IC=0 IC=2A; IB=0.4A IC=2A; IB=0.4A VCB=400V; IE=0 VEB=5V; IC=0 IC=0.4A ; VCE=5V IC=2A ; VCE=5V IE=0 ; VCB=10V;f=1MHz IC=0.4A ; VCE=10V 15 8 MIN 400 500 7 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE -2 COB fT
2SC3083
TYP.
MAX
UNIT V V V
1.0 1.5 10 10 50
V V A A
40 20
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A ;IB1=-IB2=0.6A RL=66.6D,VCC=200V 1.0 2.5 1.0 s s s
hFE-1 classifications L 15-30 M 20-40 N 30-50
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3083
Fig.2 outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3083
4


▲Up To Search▲   

 
Price & Availability of 2SC3083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X