Part Number Hot Search : 
1862623X P2100SC HR809 HMC580 KIA7808A NF3T1L SCBK05 MAX6310
Product Description
Full Text Search
 

To Download 2SC2939 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2939
DESCRIPTION *With TO-247 package *Switching power transistor *High breakdown voltage APPLICATIONS *For switching regulator applications PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-247) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 10 20 80 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2939
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current At rated voltage ICEO IEBO hFE-1 hFE-2 fT Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency At rated voltage IC=5A ; VCE=2V IC=1mA ; VCE=2V IC=1A ; VCE=10V 10 5 20 MHz 0.1 50 mA 0.1 mA CONDITIONS IC=0.1A; IB=0 IC=5A ;IB=1A IC=5A ;IB=1A MIN 400 1.0 1.5 TYP. MAX UNIT V V V
SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICBO
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2939
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2939

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X