Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download 2SC2553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220C package *High collector breakdown voltage : VCEO=400V(Min) *Excellent switching time : tr=1.0s(Max.) : tf=1.0s(Max.@IC=4A APPLICATIONS *Switching regulator and high voltage switching applications *High speed DC-DC converter applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC2553
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 40 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 5 1 1.5 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=10mA ; IB=0 IC=1mA ; IE=0 IC=5A; IB=1A IC=5A; IB=1A VCB=400V ;IE=0 VEB=7V; IC=0 IC=3A ; VCE=5V IC=5A ; VCE=5V 12 8 MIN 400 500
2SC2553
SYMBOL V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V V
1.0 1.5 100 1
V V A mA
Switching times tr tstg tf Rise time Storage time Fall time VCC>200V; IC=4A IB1=-IB2=0.4A;RL=50@ Duty cycleB1% 1.0 2.5 1.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2553
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2553
4


▲Up To Search▲   

 
Price & Availability of 2SC2553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X