Part Number Hot Search : 
ANTXV1N 100LVE HMO06A MJH10012 MA4L031 100LVE GF30DL GJ90T03
Product Description
Full Text Search
 

To Download 2SC2266 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2266
DESCRIPTION *With TO-3 package *High dielectric strength *Short switching time APPLICATIONS *For switching regulator application
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
MAXIMUN RATINGS
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature Tmb,25 Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 10 3 100 150 -65~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance from junction to case VALUE 1.25 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=10mA ; IB=0 IE=1mA ; IC=0 IC=8A; IB=1.6A IC=8A; IB=1.6A VCB=400V; IE=0 VEB=5V; IC=0 IC=1.6A ; VCE=5V IC=8A ; VCE=5V 10 8 MIN 400 7
2SC2266
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V V
1.0 1.5 10 10 50
V V A A
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2266
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2266

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X