Part Number Hot Search : 
14001 BC637 2N6564 UDN3626 1N5244 LT6231 1N5244 2N5337X
Product Description
Full Text Search
 

To Download 2SC1942 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1942
DESCRIPTION *With TO-3 package *High breakdown voltage *High speed switching APPLICATIONS *For TV horizontal output applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 800 6 3 50 150 -65~150 UNIT V V V A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance from junction to case VALUE 2.5 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=0.1A ; IB=0 IE=1mA ; IC=0 IC=2.5A; IB=0.8A IC=2.5A; IB=0.8A VCB=600V; IE=0 VEB=5V; IC=0 IC=1 A ; VCE=5V 8 MIN 800 6
2SC1942
SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
TYP.
MAX
UNIT V V
5.0 1.5 10 10 40
V V A A
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1942
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1942

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X