Part Number Hot Search : 
DF28D C106M 2405E 48S3V MP6508 LH22440 GBJ10 2200A
Product Description
Full Text Search
 

To Download 2SC1348 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1348
DESCRIPTION *With TO-3 package *High power dissipation APPLICATIONS *For TV horizontal deflection output applications
PINNING(see fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1000 500 5 4 125 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown votage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=100mA; IB=0 IE=1mA; IC=0 IC=3 A;IB=0.6 A IC=3 A;IB=0.6 A VCB=1000V;IE=0 VEB=5V; IC=0 IC=2A ; VCE=3V IC=0.5A ; VCE=10V 4.5 MIN 500 5
2SC1348
SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V
5.0 1.5 0.1 0.1 19 5
V V mA mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1348
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1348

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X