Part Number Hot Search : 
AN17821 HUL7281 6025074 PC250 DS18B20 AN79M20F B2520 LM618
Product Description
Full Text Search
 

To Download 2SC1111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1111
DESCRIPTION *With TO-3 package *Wide area of safe operation APPLICATIONS *For audio frequency power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=? )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25? CONDITIONS Open emitter Open base Open collector VALUE 140 80 5 6 50 150 -55~150 UNIT V V V A W ? ?
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25? unless otherwise specified SYMBOL V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE fT COB PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA ;IB=0 IE=1mA ;IC=0 IC=5A; IB=0.5A VCB=140V; IE=0 VEB=5V; IC=0 IC=3A ; VCE=4V IC=0.5A ; VCE=12V IE=0 ; VCB=10V, f=1MHz 115 30 MIN 80 5
2SC1111
TYP.
MAX
UNIT V V
2.0 0.1 0.1 150 10
V mA mA
MHz pF
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1111
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X