Part Number Hot Search : 
CY14B10 2A110 MS4012F ER501 P6KE5 2SD2179 PN513 AD53509
Product Description
Full Text Search
 

To Download 2SC1108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1108
DESCRIPTION *With TO-220C package *High breakdown voltage :VCEO=100V *High current :4A APPLICATIONS *For power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Tc=25? )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25? CONDITIONS Open emitter Open base Open collector VALUE 100 100 5 4 40 150 -55~150 UNIT V V V A W ? ?
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25? unless otherwise specified SYMBOL V(BR)CEO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT COB PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown votage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=25mA; IB=0 IE=1mA; IC=0 IC=3A;IB=0.3 A IC=3A;IB=0.3 A VCB=100V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=4V IC=0.5A ; VCE=12V IE=0; VCB=10V;f=1MHz 25 100 MIN 100 5
2SC1108
TYP.
MAX
UNIT V V
1.5 2.0 0.1 0.1 320 10
V V mA mA
MHz pF
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1108
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X