Part Number Hot Search : 
CZRB2082 L6926 H7805ANE 1N6517 ZMM5224 MCH6603 GPS60B WM872504
Product Description
Full Text Search
 

To Download 2SB950A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB950A
DESCRIPTION *High DC Current Gain: hFE= 2000(Min.)@IC= -3A *High Speed Switching *Complement to Type 2SD1276A
APPLICATIONS *Designed for power amplifier and switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-4
A
ICM
Collector Current-Peak Collector Power Dissipation @ Ta=25
-8
A
2 W
PC Collector Power Dissipation @ TC=25 TJ Junction Temperature 40
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO VCE(sat)-1 VCE(sat)-2 VBE(on) ICBO ICEO IEBO hFE-1 hFE-2 fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Current-Gain--Bandwidth Product CONDITIONS IC= -30mA ; IB= 0 IC= -3A; IB= -12mA
B
2SB950A
MIN -80
TYP.
MAX
UNIT V
-2.0 -4.0 -2.5 -0.2 -0.5 -2.0 1000 2000 20 10000
V V V mA mA mA
IC= -5A; IB= -20mA
B
IC= -3A ; VCE= -3V VCB= -100V ; IE= 0 VCE= -40V ; IB= 0
B
VEB= -5V ; IC= 0 IC= -0.5A ;VCE= -3V IC= -3A ; VCE= -3V IC=-0.5A;VCE= -10V;ftest=1MHz
MHz
Switching times ton tstg tf Turn-on Time Storage Time Fall Time IC= -3A,IB1= -IB2= -12mA, VCC= -50V 0.3 2.0 0.5 s s s
hFE-2 Classifications Q 2000-5000 P 4000-10000
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB950A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X