Part Number Hot Search : 
KDR521T BAS19 ADTR2 ADP32 E003787 ADTR2 KBPC3510 D1005
Product Description
Full Text Search
 

To Download 2SB1658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1658
DESCRIPTION *With TO-126 package *Low collector saturation voltage *High DC current gain APPLICATIONS *For audio frequency amplifier and switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current (DC) Ta=25 PT Total power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 10 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE -30 -30 -6 -5 -10 -2 0.1 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SB1658
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO VCEsat-1 VCEsat-2 VCEsat-3 VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
Collector-emitter breakdown voltage
IC=-10mA ;IB=0 IC=-1A; IB=-50mA IC=-2A; IB=-100mA IC=-4A; IB=-200mA IC=-1A; IB=-100mA VCB=-30V; IE=0 VEB=-6V; IC=0 IC=-1A ; VCE=-2V IC=-4A ; VCE=-2V IC=-50mA ; VCE=-10V IE=0;f=1MHz ; VCB=-10V
-30
V
Collector-emitter saturation voltage
-0.15
V
Collector-emitter saturation voltage
-0.25
V
Collector-emitter saturation voltage
-0.5
V
Base-emitter saturation voltage
-1.5
V
Collector cut-off current
-0.1
A
Emitter cut-off current
-0.1
A
DC current gain
150
600
DC current gain
50
Transition frequency
95
MHz
Collector output capacitance
100
pF
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1658
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X