Part Number Hot Search : 
BL081 C4046 MC34002H 7288L25P S9016 6KE300A 27C47 AN5026K
Product Description
Full Text Search
 

To Download 2SB1370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1370
*
DESCRIPTION *With TO-220Fa package *PC=2W(Ta=25 ) /30W(TC=25 ) *Low collector saturation voltage *Wide area of safe operation
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -5 -3 -6 2.0 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-1mA; IB=0 IC=-50A; IE=0 IE=-50A; IC=0 IC=-2A ;IB=-0.2A IC=-2A; IB=-0.2A VCB=-60V; IE=0 VEB=-4V; IC=0 IC=-0.5A ; VCE=-5V IC=-0.5A; VCE=-5V f=1MHz ; VCB=10V 100 MIN -60 -60 -5
2SB1370
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V V V
-1.5 -1.5 -10 -10 320 15 80
V V A A
MHz pF
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1370
Fig.2 Outline dimensions (unindicated tolerance: 0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X