Part Number Hot Search : 
GCM155R7 LB1976 SF1005 00309 0000MH PM100 4D44ADR SKL320C
Product Description
Full Text Search
 

To Download 2SB1293 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SB1293
DESCRIPTION *High Collector Current:: IC= -5A *Low Collector Saturation Voltage : VCE(sat)= -1.0V(Max)@IC= -3A *Wide Area of Safe Operation *Complement to Type 2SD1896
APPLICATIONS *Designed for low frequency power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE -100 -100 -5 -5 -10 40
UNIT
.cn mi e
V V V A A
IC
Collector Current-Continuous
ICM
Collector Current-Peak Total Power Dissipation @ TC=25 Junction Temperature
PC
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE COB fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Output Capacitance CONDITIONS IC= -1mA; IB= 0
B
2SB1293
MIN -100 -100 -5
TYP.
MAX
UNIT V V V
IC= -50A; IE= 0 IE= -50A; IC= 0 IC= -3A; IB= -0.3A
B
-1.0 -1.5
V V A A
IC= -3A; IB= -0.3A
B
VCB= -100V; IE= 0
Current-Gain--Bandwidth Product
hFE Classifications D 60-120 E 100-200
w w
F 160-320
w.
sem isc
VEB= -4V; IC= 0 IC= -1A; VCE= -5V IE=0; VCB= -10V; f= 1MHz IE= 0.5A; VCE= -5V
.cn i
60
-10 -10 320 120 12
pF MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB1293

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X