Part Number Hot Search : 
RD15HV LCM600U Z5226B PFZ100 TDA7294S 107000 JSBB3 STT08XX
Product Description
Full Text Search
 

To Download 2SB1293 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1293
DESCRIPTION *With TO-220C package *Low collector saturation voltage *Complement to type 2SD1896 *Wide area of safe operation APPLICATIONS *For use in low frequency power amplifier applications,power drivers and DC-DC converters
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -100 -100 -5 -5 -10 40 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=-1mA; IB=0 IC=-50A; IE=0 IE=-50A; IC=0 IC=-3A ;IB=-0.3A IC=-3A ;IB=-0.3A VCB=-100V; IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-5V IE=-0.5A ; VCE=-5V IE=0 ; VCB=-10V;f=1MHz 60 MIN -100 -100 -5
2SB1293
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V V V
-1.0 -1.5 -10 -10 320 12 120
V V A A
MHz pF
hFE Classifications D 60-120 E 100-200 F 160-320
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1293
Fig.2 Outline dimensions (unindicated tolerance: 0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1293

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X